Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

11864 Datasheet(PDF) 2 Page - Evolt

Part # 11864
Description  UMBRA CORE II DIFFUSED
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EKTOR [Evolt]
Direct Link  ektor.com
Logo EKTOR - Evolt

11864 Datasheet(HTML) 2 Page - Evolt

  11864 Datasheet HTML 1Page - Evolt 11864 Datasheet HTML 2Page - Evolt 11864 Datasheet HTML 3Page - Evolt  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
TM-21 Test Hours
10000 hrs
COLOUR TEMPERATURE
18 Watts
4000 K
2350 lm
5000 K
2450 lm
6500 K
2300 lm
36 Watts
4000 K
3700 lm
5000 K
4100 lm
6500 K
3900 lm
DRIVER
Dimmable
No
Driver Included
Yes
Integrated Driver
No
Driver Mode
Constant Current
Driver Type
Fixed output
Wiring Type
Re-wireable terminal block (4
pin)
PSTLM
0.1
Short Term Light Modulation (PstLM): The requirement is that PstLM should be
less than or equal to 1.0. This metric measures the short-term flicker severity
and ensures that flicker is not perceptible or is at a level that does not cause
discomfort or health issues.
SVM
0.4
Stroboscopic Visibility Measure (SVM): The requirement for SVM is that it
should be less than or equal to 0.4. The SVM metric assesses the visibility of the
stroboscopic effect, which can make moving objects appear to be stationary or
moving in discrete steps, thus ensuring that this effect is minimized in lighting
environments to prevent visual discomfort and safety hazards.
EMERGENCY (EM SUFFIX)
Replacement Battery Code
01302
Emergency Classification
C0:D50, C90:D32
Emergency Duration
90 mins
Emergency Lumen Output
380 lm
Emergency Mode
Combined
Emergency Output Power
3000 mW
ENERGY SAVINGS SCHEME
Ipart Approval
Yes
REES Approval
Yes
COMPLIANCE
Product Design Life
6 years
The product design life relates to the total product life which includes LEDs,
drivers and the enclosure. This is different to the LED lifetime which only refers
to the economical lifetime of the LEDs at which time the lumen output has
dropped below the L Value. The product design life is calculated at the
maximum ambient or working temperature of the product and takes into
account the Daily Use.
Daily Use
12 hrs
The Daily Use is the recommended time required to meet the product's design
life. Installations can exceed this time, however the product design life will be
reduced proportionally.
Standards
AS/NZS 60598.1
AS 60598.2.22
AS/NZS 61347.1
AS/NZS 61347.2.13
AS CISPR 15
AS/NZS 2293.3
WARRANTY
Commercial Use Warranty
5 RTB (Total 5 Years)
Warranty Operating Hours
15000 hrs
This product is provided with a warranty up until the stated warranty period or
until the stated warranty operating hours has been reached (whichever occurs
first).
DIMENSIONS
Product Height
74 mm
Product Length
1164 mm
Product Width
74 mm
LINE DRAWINGS
Information is subject to change without prior notice. Images are for illustrative purposes only. E&OE



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com