Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADR827ARMZ Datasheet(PDF) 13 Page - Analog Devices

Part # ADR827ARMZ
Description  Low Power, Precision Reference and Op Amp
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADR827ARMZ Datasheet(HTML) 13 Page - Analog Devices

Back Button ADR827ARMZ Datasheet HTML 9Page - Analog Devices ADR827ARMZ Datasheet HTML 10Page - Analog Devices ADR827ARMZ Datasheet HTML 11Page - Analog Devices ADR827ARMZ Datasheet HTML 12Page - Analog Devices ADR827ARMZ Datasheet HTML 13Page - Analog Devices ADR827ARMZ Datasheet HTML 14Page - Analog Devices ADR827ARMZ Datasheet HTML 15Page - Analog Devices ADR827ARMZ Datasheet HTML 16Page - Analog Devices ADR827ARMZ Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
ADR821/ADR827
Rev. 0 | Page 13 of 20
0
–140
–40
125
TEMPERATURE (°C)
–25 –10
5
20
35
50
65
80
95
110
–20
–40
–60
–80
–100
–120
ISOURCE = 5mA
CIN = COUT = 0.1µF
VS = 15V
VS = 5V
Figure 15. ADR821 Load Regulation vs. Temperature
1
TIME (1s/DIV)
CIN = COUT = 0.1µF
15.6µV p-p
2.78µV rms
Figure 16. ADR821 0.1 Hz to 10 Hz Noise
1
TIME (1s/DIV)
CIN = COUT = 0.1µF
426µV p-p
55.6µV rms
Figure 17. ADR821 10 Hz to 10 kHz Noise
0
–140
–40
125
TEMPERATURE (°C)
–25 –10
5
20
35
50
65
80
95
110
–20
–40
–60
–80
–100
–120
ISOURCE = 5mA
CIN = COUT = 0.1µF
VS = 15V
VS = 3V
Figure 18. ADR827 Load Regulation vs. Temperature
1
TIME (1s/DIV)
CIN = COUT = 0.1µF
8.3µV p-p
1.33µV rms
Figure 19. ADR827 0.1 Hz to 10 Hz Noise
1
TIME (1s/DIV)
CIN = COUT = 0.1µF
258µV p-p
34.6µV rms
Figure 20. ADR827 10 Hz to 10 kHz Noise



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com