Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADR827ARMZ Datasheet(PDF) 19 Page - Analog Devices

Part # ADR827ARMZ
Description  Low Power, Precision Reference and Op Amp
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADR827ARMZ Datasheet(HTML) 19 Page - Analog Devices

Back Button ADR827ARMZ Datasheet HTML 12Page - Analog Devices ADR827ARMZ Datasheet HTML 13Page - Analog Devices ADR827ARMZ Datasheet HTML 14Page - Analog Devices ADR827ARMZ Datasheet HTML 15Page - Analog Devices ADR827ARMZ Datasheet HTML 16Page - Analog Devices ADR827ARMZ Datasheet HTML 17Page - Analog Devices ADR827ARMZ Datasheet HTML 18Page - Analog Devices ADR827ARMZ Datasheet HTML 19Page - Analog Devices ADR827ARMZ Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 19 / 20 page
background image
ADR821/ADR827
Rev. 0 | Page 19 of 20
OUTLINE DIMENSIONS
COMPLIANT TO JEDEC STANDARDS MO-187-BA
0.23
0.08
0.80
0.60
0.40
8°
0°
0.15
0.05
0.33
0.17
0.95
0.85
0.75
SEATING
PLANE
1.10 MAX
10
6
5
1
0.50 BSC
PIN 1
COPLANARITY
0.10
3.10
3.00
2.90
3.10
3.00
2.90
5.15
4.90
4.65
Figure 41. 10-Lead Mini Small Outline Package [MSOP]
(RM-10)
Dimensions shown in millimeters
ORDERING GUIDE
Initial
Accuracy
Models
Temperature
Range
Output
Voltage
(VOUT)
(mV)
(%)
Temperature
Coefficient
(ppm/°C)
Package
Description
Package
Option
Ordering
Quantity
Branding
ADR821ARMZ-REEL71
−40°C to +125°C
2.500
10.00
±0.40
30
10-Lead MSOP
RM-10
1,000
R2G
ADR821ARMZ-R21
−40°C to +125°C
2.500
10.00
±0.40
30
10-Lead MSOP
RM-10
250
R2G
ADR821BRMZ-REEL71
−40°C to +125°C
2.500
5.00
±0.20
15
10-Lead MSOP
RM-10
1,000
R2H
ADR821BRMZ-R21
−40°C to +125°C
2.500
5.00
±0.20
15
10-Lead MSOP
RM-10
250
R2H
ADR827ARMZ-REEL71
−40°C to +125°C
1.250
5.00
±0.40
30
10-Lead MSOP
RM-10
1,000
R0Z
ADR827ARMZ-R21
−40°C to +125°C
1.250
5.00
±0.40
30
10-Lead MSOP
RM-10
250
R0Z
ADR827BRMZ-REEL71
−40°C to +125°C
1.250
2.50
±0.20
15
10-Lead MSOP
RM-10
1,000
R2B
ADR827BRMZ-R21
−40°C to +125°C
1.250
2.50
±0.20
15
10-Lead MSOP
RM-10
250
R2B
1 Z = RoHS Compliant Part.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com