Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM1609APT Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # PCM1609APT
Description  24-BIT, 192-kHz SAMPLING, 8-CHANNEL, ENHANCED MULTILEVEL, DELTA-SIGMA DIGITAL-TO-ANALOG CONVERTER
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM1609APT Datasheet(HTML) 1 Page - Texas Instruments

  PCM1609APT Datasheet HTML 1Page - Texas Instruments PCM1609APT Datasheet HTML 2Page - Texas Instruments PCM1609APT Datasheet HTML 3Page - Texas Instruments PCM1609APT Datasheet HTML 4Page - Texas Instruments PCM1609APT Datasheet HTML 5Page - Texas Instruments PCM1609APT Datasheet HTML 6Page - Texas Instruments PCM1609APT Datasheet HTML 7Page - Texas Instruments PCM1609APT Datasheet HTML 8Page - Texas Instruments PCM1609APT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 43 page
background image
BurrBrown Products
from Texas Instruments
FEATURES
APPLICATIONS
DESCRIPTION
PCM1609A
SLES145A – AUGUST 2005 – REVISED AUGUST 2006
24-BIT, 192-kHz SAMPLING, 8-CHANNEL, ENHANCED MULTILEVEL,
DELTA-SIGMA DIGITAL-TO-ANALOG CONVERTER
•
Package: LQFP-48
•
24-Bit Resolution
•
Analog Performance:
•
Integrated A/V Receivers
– Dynamic Range: 105 dB, Typical
•
DVD Movie and Audio Players
– SNR: 105 dB, Typical
•
HDTV Receivers
– THD+N: 0.002%, Typical
•
Car Audio Systems
– Full-Scale Output: 3.1 Vp-p, Typical
•
DVD Add-On Cards for High-End PCs
•
4
×/8× Oversampling Interpolation Filter:
•
Digital Audio Workstations
– Stop-Band Attenuation: –55 dB
•
Other Multichannel Audio Systems
– Pass-Band Ripple:
±0.03 dB
•
Sampling Frequency: 5 kHz to 200 kHz
•
Accepts 16-, 18-, 20-, and 24-Bit Audio Data
The PCM1609A is a CMOS, monolithic integrated
circuit
that
features
eight
24-bit
audio
•
Data Formats: Standard, I2S, and
digital-to-analog converters (DACs) and support
Left-Justified
circuitry in a small LQFP-48 package. The DACs use
•
System Clock: 128 fS, 192 fS, 256 fS, 384 fS,
Texas Instruments' enhanced multilevel, delta-sigma
512 fS, or 768 fS
architecture that employs fourth-order noise shaping
and
8-level
amplitude
quantization
to
achieve
•
User-Programmable Functions:
excellent signal-to-noise performance and a high
– Digital Attenuation: 0 dB to –63 dB,
tolerance to clock jitter.
0.5 dB/Step
The PCM1609A accepts industry-standard audio
– Soft Mute
data formats with 16- to 24-bit audio data. Sampling
– Zero Flags Can Be Used As General-
rates up to 200 kHz are supported. A full set of
Purpose Logic Output
user-programmable functions is accessible through a
– Digital De-Emphasis
4-wire serial control port that supports register write
and read functions.
– Digital Filter Rolloff: Sharp or Slow
•
Dual-Supply Operation:
– 5-V Analog
– 3.3-V Digital
•
5-V Tolerant Digital Logic Inputs
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
FilterPro is a trademark of Texas Instruments.
System Two, Audio Precision are trademarks of Audio Precision, Inc.
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2005–2006, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - PCM1609APT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCM1609APT TI2-PCM1609APT Datasheet
568Kb / 47P
24-BIT 192-kHz SAMPLING 8-CHANNEL ENHANCED MULTILEVEL DELTA-SIGMA DIGITAL-TO-ANALOG CONVERTER
REVISED MARCH 2008
PCM1609APT.B TI2-PCM1609APT.B Datasheet
568Kb / 47P
24-BIT 192-kHz SAMPLING 8-CHANNEL ENHANCED MULTILEVEL DELTA-SIGMA DIGITAL-TO-ANALOG CONVERTER
REVISED MARCH 2008
PCM1609APTR TI2-PCM1609APTR Datasheet
568Kb / 47P
24-BIT 192-kHz SAMPLING 8-CHANNEL ENHANCED MULTILEVEL DELTA-SIGMA DIGITAL-TO-ANALOG CONVERTER
REVISED MARCH 2008
PCM1609APTR.B TI2-PCM1609APTR.B Datasheet
568Kb / 47P
24-BIT 192-kHz SAMPLING 8-CHANNEL ENHANCED MULTILEVEL DELTA-SIGMA DIGITAL-TO-ANALOG CONVERTER
REVISED MARCH 2008
More results

Similar Description - PCM1609APT

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
PCM1606 BURR-BROWN-PCM1606 Datasheet
385Kb / 27P
24-BIT, 192-kHz SAMPLING, 6-CHANNEL, ENHANCED MULTILEVEL, DELTA-SIGMA DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
PCM1680 TI-PCM1680 Datasheet
427Kb / 33P
24-Bit, 192-kHz Sampling, Enhanced Multilevel, Delta-Sigma, Audio Digital-to-Analog Converter
PCM1780 TI-PCM1780 Datasheet
439Kb / 31P
24-Bit, 192-kHz Sampling, Enhanced Multilevel, Delta-Sigma, Audio Digital-to-Analog Converter
PCM1681 TI-PCM1681 Datasheet
1Mb / 43P
24-Bit, 192-kHz Sampling, Enhanced Multilevel Delta-Sigma, Eight-Channel Audio Digital-to-Analog Converter
PCM1602A TI1-PCM1602A Datasheet
678Kb / 45P
24-Bit, 192-kHz Sampling, 6-Channel, Enhanced Multilevel, Delta-Sigma Digital-to-Analog Converter
PCM1606E TI1-PCM1606E Datasheet
405Kb / 28P
24-Bit, 192-kHz SAMPLING. 6-CHANNEL, ENHANCED MULTILEVEL, DELTA- SIGMA DIGITAL-TO-ANALOG CONVERTER
PCM1742KE TI-PCM1742KE Datasheet
788Kb / 39P
24-Bit, 192-kHz Sampling, Enhanced Multilevel, Delta-Sigma, Audio Digital-to-Analog Converter
PCM1681PWPR TI1-PCM1681PWPR Datasheet
1Mb / 43P
24-Bit, 192-kHz Sampling, Enhanced Multilevel Delta-Sigma, Eight-Channel Audio Digital-to-Analog Converter
PCM1680 TI-PCM1680_15 Datasheet
730Kb / 39P
24-Bit, 192-kHz Sampling, Enhanced Multilevel, Delta-Sigma, Audio Digital-to-Analog Converter
PCM1742 TI-PCM1742_15 Datasheet
673Kb / 38P
24-Bit, 192-kHz Sampling, Enhanced Multilevel, Delta-Sigma,Audio Digital-to-Analog Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com