Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM1609APT Datasheet(PDF) 24 Page - Texas Instruments

Click here to check the latest version.
Part # PCM1609APT
Description  24-BIT, 192-kHz SAMPLING, 8-CHANNEL, ENHANCED MULTILEVEL, DELTA-SIGMA DIGITAL-TO-ANALOG CONVERTER
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM1609APT Datasheet(HTML) 24 Page - Texas Instruments

Back Button PCM1609APT Datasheet HTML 20Page - Texas Instruments PCM1609APT Datasheet HTML 21Page - Texas Instruments PCM1609APT Datasheet HTML 22Page - Texas Instruments PCM1609APT Datasheet HTML 23Page - Texas Instruments PCM1609APT Datasheet HTML 24Page - Texas Instruments PCM1609APT Datasheet HTML 25Page - Texas Instruments PCM1609APT Datasheet HTML 26Page - Texas Instruments PCM1609APT Datasheet HTML 27Page - Texas Instruments PCM1609APT Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 43 page
background image
www.ti.com
PCM1609A
SLES145A – AUGUST 2005 – REVISED AUGUST 2006
B15
B14
B13
B12
B11
B10
B9
B8
B7
B6
B5
B4
B3
B2
B1
B0
REGISTER 9
R/W
IDX6 IDX5 IDX4 IDX3 IDX2 IDX1 IDX0
RSV
RSV
FLT
CLKD
CLKE
FMT2
FMT1
FMT0
R/W – Read/Write Mode Select
When R/W = 0, a write operation is performed.
When R/W = 1, a read operation is performed.
Default value: 0
FLT – Digital Filter Rolloff Control
This bit is read/write.
Default value: 0
FLT = 0
Sharp rolloff (default)
FLT = 1
Slow rolloff
The FLT bit allows users to select the digital filter rolloff that is best suited to their application. Two filter rolloff
selections are available: sharp or slow. The filter responses for these selections are shown in the Typical
Performance Curves section of this data sheet.
CLKD – SCKO Frequency Selection
This bit is read/write.
Default value: 0
CLKD = 0
Full-rate, fSCKO = fSCKI (default)
CLKD = 1
Half-rate, fSCKO = fSCKI/2
The CLKD bit is used to determine the clock frequency at the system clock output pin, SCKO.
CLKE – SCKO Output Enable
This bit is read/write.
Default value: 0
CLKE = 0
SCKO enabled (default)
CLKE = 1
SCKO disabled
The CLKE bit is used to enable or disable the system clock output pin, SCKO. When SCKO is enabled, it
outputs either a full- or half-rate clock, based on the setting of the CLKD bit. When SCKO is disabled, it is set to
a LOW level.
FMT[2:0] – Audio Interface Data Format
These bits are read/write.
Default value: 000b
FMT[2:0]
Audio Data Format Selection
000
24-bit standard format, right-justified data (default)
001
20-bit standard format, right-justified data
010
18-bit standard format, right-justified data
011
16-bit standard format, right-justified data
100
I2S format, 16- to 24-bit
101
Left-justified format, 16- to 24-bit
110
Reserved
111
Reserved
The FMT[2:0] bits are used to select the data format for the serial audio interface.
24
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com