Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F84A-20/SSSQTP Datasheet(PDF) 60 Page - Microchip Technology

Part # PIC16F84A-20/SSSQTP
Description  18-pin Enhanced FLASH/EEPROM 8-bit Microcontroller
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F84A-20/SSSQTP Datasheet(HTML) 60 Page - Microchip Technology

Back Button PIC16F84A-20/SSSQTP Datasheet HTML 56Page - Microchip Technology PIC16F84A-20/SSSQTP Datasheet HTML 57Page - Microchip Technology PIC16F84A-20/SSSQTP Datasheet HTML 58Page - Microchip Technology PIC16F84A-20/SSSQTP Datasheet HTML 59Page - Microchip Technology PIC16F84A-20/SSSQTP Datasheet HTML 60Page - Microchip Technology PIC16F84A-20/SSSQTP Datasheet HTML 61Page - Microchip Technology PIC16F84A-20/SSSQTP Datasheet HTML 62Page - Microchip Technology PIC16F84A-20/SSSQTP Datasheet HTML 63Page - Microchip Technology PIC16F84A-20/SSSQTP Datasheet HTML 64Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 88 page
background image
PIC16F84A
DS35007B-page 58
© 2001 Microchip Technology Inc.
FIGURE 9-7:
CLKOUT AND I/O TIMING
TABLE 9-3:
CLKOUT AND I/O TIMING REQUIREMENTS
OSC1
CLKOUT
I/O Pin
(Input)
I/O Pin
(Output)
Q4
Q1
Q2
Q3
10
13
14
17
20, 21
22
23
19
18
15
11
12
16
old value
new value
Note:
All tests must be done with specified capacitive loads (Figure 9-5) 50 pF on I/O pins and CLKOUT.
Param
No.
Sym
Characteristic
Min
Typ†
Max
Units
Conditions
10
TosH2ckL OSC1
↑ to CLKOUT↓
Standard
—15
30
ns
(Note 1)
10A
Extended (LF)
—
15
120
ns
(Note 1)
11
TosH2ckH OSC1
↑ to CLKOUT↑
Standard
—
15
30
ns
(Note 1)
11A
Extended (LF)
—
15
120
ns
(Note 1)
12
TckR
CLKOUT rise time
Standard
—
15
30
ns
(Note 1)
12A
Extended (LF)
—
15
100
ns
(Note 1)
13
TckF
CLKOUT fall time
Standard
—
15
30
ns
(Note 1)
13A
Extended (LF)
—
15
100
ns
(Note 1)
14
TckL2ioV
CLKOUT
↓ to Port out valid
—
—
0.5TCY +20
ns
(Note 1)
15
TioV2ckH Port in valid before
CLKOUT
↑
Standard
0.30TCY + 30
—
—
ns
(Note 1)
Extended (LF)
0.30TCY + 80
—
—
ns
(Note 1)
16
TckH2ioI
Port in hold after CLKOUT
↑
0—
—
ns
(Note 1)
17
TosH2ioV OSC1
↑ (Q1 cycle) to
Port out valid
Standard
—
—
125
ns
Extended (LF)
—
—
250
ns
18
TosH2ioI
OSC1
↑ (Q2 cycle) to Port
input invalid (I/O in hold time)
Standard
10
—
—
ns
Extended (LF)
10
—
—
ns
19
TioV2osH Port input valid to OSC1
↑
(I/O in setup time)
Standard
-75
—
—
ns
Extended (LF)
-175
—
—
ns
20
TioR
Port output rise time
Standard
—
10
35
ns
20A
Extended (LF)
—
10
70
ns
21
TioF
Port output fall time
Standard
—
10
35
ns
21A
Extended (LF)
—
10
70
ns
22
TINP
INT pin high
or low time
Standard
20
—
—
ns
22A
Extended (LF)
55
—
—
ns
23
TRBP
RB7:RB4 change INT
high or low time
Standard
TOSC§—
—
ns
23A
Extended (LF)
TOSC§—
—
ns
† Data in "Typ" column is at 5.0V, 25
°C unless otherwise stated. These parameters are for design guidance only and are not tested.
§ By design.
Note 1:
Measurements are taken in RC mode where CLKOUT output is 4 x TOSC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com