Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F84A-20/SSSQTP Datasheet(PDF) 68 Page - Microchip Technology

Part # PIC16F84A-20/SSSQTP
Description  18-pin Enhanced FLASH/EEPROM 8-bit Microcontroller
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F84A-20/SSSQTP Datasheet(HTML) 68 Page - Microchip Technology

Back Button PIC16F84A-20/SSSQTP Datasheet HTML 64Page - Microchip Technology PIC16F84A-20/SSSQTP Datasheet HTML 65Page - Microchip Technology PIC16F84A-20/SSSQTP Datasheet HTML 66Page - Microchip Technology PIC16F84A-20/SSSQTP Datasheet HTML 67Page - Microchip Technology PIC16F84A-20/SSSQTP Datasheet HTML 68Page - Microchip Technology PIC16F84A-20/SSSQTP Datasheet HTML 69Page - Microchip Technology PIC16F84A-20/SSSQTP Datasheet HTML 70Page - Microchip Technology PIC16F84A-20/SSSQTP Datasheet HTML 71Page - Microchip Technology PIC16F84A-20/SSSQTP Datasheet HTML 72Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 88 page
background image
PIC16F84A
DS35007B-page 66
© 2001 Microchip Technology Inc.
FIGURE 10-9:
AVERAGE FOSC vs. VDD FOR R (RC MODE, C = 300 pF, 25
°C)
FIGURE 10-10:
IPD vs. VDD (SLEEP MODE, ALL PERIPHERALS DISABLED)
0
100
200
300
400
500
600
700
800
900
2.0
2.5
3.03.5
4.04.5
5.05.5
VDD (V)
3.3 k
Ω
5.1 k
Ω
10 k
Ω
100 k
Ω
0.0
0.1
1.0
10.0
2.02.5
3.03.5
4.04.5
5.05.5
VDD (V)
Max
Typ
Typical:
statistical mean @ 25°C
Maximum: mean + 3
σ (-40°C to +125°C)
Minimum:
mean – 3
σ (-40°C to +125°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com