Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS19 Datasheet(PDF) 2 Page - TRANSYS Electronics Limited

Part # BAS19
Description  SILICON PLANAR HIGH SPEED DIODES
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEL [TRANSYS Electronics Limited]
Direct Link  http://www.transyselectronics.com
Logo TEL - TRANSYS Electronics Limited

BAS19 Datasheet(HTML) 2 Page - TRANSYS Electronics Limited

  BAS19 Datasheet HTML 1Page - TRANSYS Electronics Limited BAS19 Datasheet HTML 2Page - TRANSYS Electronics Limited BAS19 Datasheet HTML 3Page - TRANSYS Electronics Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SILICON PLANAR HIGH SPEED DIODES
BAS19, BAS20, BAS21
SOT-23
Formed SMD Package
ELECTRICAL CHARACTERISTICS (Ta=25º C unless specified otherwise)
DESCRIPTION
SYMBOL
TEST CONDITION
MIN
TYP
MAX
UNIT
Reverse Voltage Leakage Current
IR
VR= VRmax
100
nA
VR=VRmax
Tj=150ºC
100
µA
Differential Resistance
rdiff
IF=10mA
5
Ω
Reverse Recovery Time When Switched
from
trr
IF=30mA to
IR=30mA, RL100 Ω,
measured at IR=3mA
50
ns
Pin Configuration
1 =
2 = NC
3 =
ANODE
CATHODE
3
1
2



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com