Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS19 Datasheet(PDF) 1 Page - TRANSYS Electronics Limited

Part # BAS19
Description  SILICON PLANAR HIGH SPEED DIODES
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEL [TRANSYS Electronics Limited]
Direct Link  http://www.transyselectronics.com
Logo TEL - TRANSYS Electronics Limited

BAS19 Datasheet(HTML) 1 Page - TRANSYS Electronics Limited

  BAS19 Datasheet HTML 1Page - TRANSYS Electronics Limited BAS19 Datasheet HTML 2Page - TRANSYS Electronics Limited BAS19 Datasheet HTML 3Page - TRANSYS Electronics Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SILICON PLANAR HIGH SPEED DIODES
BAS19, BAS20, BAS21
SOT-23
Formed SMD Package
Marking
BAS19 = A8
BAS20 = A81
BAS21 = A82
High-Speed Switching Diodes in a Microminiature Plastic Envelope.
ABSOLUTE MAXIMUM RATINGS (Ta=25ºC)
DESCRIPTION
SYMBOL
BAS19
BAS20
UNIT
Continuous Reverse Voltage
VR
100
150
V
Repetitive Peak Reverse Voltage
VRRM
120
200
V
Non Repetitive Peak Forward Current
t=1
µµs
IFSM
A
t=1s
IFSM
A
Average Rectified Forward Current
(averaged over any 20 ms period)
IF (AV)
mA
Forward Current (DC)
*IF
mA
Repetitive Peak Forward Current
IFRM
mA
Total Power Dissipation
PD
mW
Storage Temperature Range
Tstg
oC
Junction Temperature
Tj
oC
Thermal Resistance
Junction to Ambient in free air
Rth (j-a)
K/W
ELECTRICAL CHARACTERISTICS (Ta=25º C unless specified otherwise)
DESCRIPTION
SYMBOL
TEST CONDITION
MIN
TYP
MAX
UNIT
Forward Voltage
VF
IF=100mA
1.00
V
IF=200mA
1.25
V
Reverse Breakdown Voltage
V(BR)R
IR=100µA
**BAS19
120
V
BAS20
200
V
***BAS21
250
V
*Mounted on a ceramic substrate 0f 8mm x 10mm x 0.7mm
**Measured under pulse conditions; pulse time = tp=0.3ms.
***At zero life time measured under pulse conditions to avoid excessive dissipation and voltage limited to 275V
200
250
BAS21
200
250
200
0.5
625
2.5
500
150
- 55 to +150
Pin Configuration
1 =
2 = NC
3 =
ANODE
CATHODE
3
1
2
Transys
Electronics
LI M ITE D


Similar Part No. - BAS19

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
BAS19 PANJIT-BAS19 Datasheet
102Kb / 3P
SURFACE MOUNT SWITCHING DIODES
logo
NXP Semiconductors
BAS19 PHILIPS-BAS19 Datasheet
56Kb / 12P
General purpose diodes
1999 May 26
logo
Vishay Siliconix
BAS19 VISHAY-BAS19 Datasheet
53Kb / 4P
Surface Mount Switching Diode
01-Apr-99
logo
Transys Electronics
BAS19 TRSYS-BAS19 Datasheet
146Kb / 2P
SURFACE MOUNT FAST SWITCHING DIODE
logo
Won-Top Electronics
BAS19 WTE-BAS19 Datasheet
46Kb / 3P
SURFACE MOUNT FAST SWITCHING DIODE
More results

Similar Description - BAS19

ManufacturerPart #DatasheetDescription
logo
Rohm
1SS353 ROHM-1SS353 Datasheet
61Kb / 2P
Silicon Epitaxial Planar High-Speed Switching Diodes
logo
List of Unclassifed Man...
HD2A ETC-HD2A Datasheet
15Kb / 1P
SOT 23 SILICON PLANAR HIGH SPEED SWITCHING DIODES
logo
Continental Device Indi...
CMBD1201 CDIL-CMBD1201 Datasheet
131Kb / 3P
SILICON PLANAR EPITAXIAL HIGH SPEED DIODES
logo
TRANSYS Electronics Lim...
BAV70 TEL-BAV70 Datasheet
50Kb / 2P
SILICON PLANAR EPITAXIAL HIGH-SPEED DIODES
BAV99 TEL-BAV99 Datasheet
51Kb / 2P
SILICON PLANAR EPITAXIAL HIGH-SPEED DIODES
BAW56 TEL-BAW56 Datasheet
56Kb / 2P
SILICON PLANAR EPITAXIAL HIGH-SPEED DIODES
logo
New Jersey Semi-Conduct...
1N4151 NJSEMI-1N4151 Datasheet
90Kb / 1P
ULTRA HIGH SPEED SILICON PLANAR EPITAXIAL DIODES
logo
Continental Device Indi...
BAV99 CDIL-BAV99 Datasheet
497Kb / 5P
SILICON PLANAR HIGH SPEED SWITCHING DIODES
BAS19 CDIL-BAS19 Datasheet
137Kb / 4P
SILICON PLANAR HIGH SPEED DIODES
logo
Zetex Semiconductors
BAL99 ZETEX-BAL99 Datasheet
34Kb / 1P
SOT23 SILICON PLANAR HIGH SPEED SWITCHING DIODES
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com