Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NN-RJ45L-PL Datasheet(PDF) 1 Page - Belden Inc.

Part # NN-RJ45L-PL
Description  RJ45 Lock Cap Blocker
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

NN-RJ45L-PL Datasheet(HTML) 1 Page - Belden Inc.

  NN-RJ45L-PL Datasheet HTML 1Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Product: NN-RJ45L-PL
RJ45 Lock Cap Blocker
Product Description
RJ45 Lock Cap Blocker for Enhanced Network Security The RJ45 Lock Cap Blocker is a key tool for enhancing physical network security, designed to prevent
unauthorized access and protect against tampering and disconnections. Suitable for IT departments and network administrators, this device is an essential
safeguard for any network infrastructure. Features: Enhanced Security: Blocks unauthorized RJ45 port access, maintaining network integrity. Durable and Easy
to Install: Made from high-quality materials with a simple, tool-free installation process. Universal Compatibility: Fits standard RJ45 sockets across various
network devices. Stable Connections: Prevents accidental disconnections, ideal for high-traffic areas. Applications: Ideal for corporate environments,
educational institutions, and home networks, the RJ45 Lock Cap Blocker is a versatile solution to protect sensitive data and ensure stable, secure network
connections.
Technical Specifications
Physical Characteristics (Overall)
Width:
11.7 mm
Depth:
9.7 mm
Material:
Polycarbonate
Weight:
0.4 g
Mechanical Characteristics
Dimensions (WxHxD)
Length Width Depth
9.8
11.7
9.7
Applicable Environmental and Other Programs
EU Directive 2011/65/EU (RoHS 2):
Yes
EU Directive 2015/863/EU (RoHS 2 amendment): Yes
History
Update and Revision:
Revision Number: 0.45 Revision Date: 04-17-2024
© 2025 Belden, Inc
All Rights Reserved.
Although Belden makes every reasonable effort to ensure their accuracy at the time of this publication, information and specifications described here in are subject to error or omission and to change without
notice, and the listing of such information and specifications does not ensure product availability.
Belden provides the information and specifications herein on an "ASIS" basis, with no representations or warranties, whether express, statutory or implied. In no event will Belden be liable for any damages
(including consequential, indirect, incidental, special, punitive, or exemplary damages) whatsoever, even if Belden has been advised of the possibility of such damages, whether in an action under contract,
negligence or any other theory, arising out of or in connection with the use, or inability to use, the information or specifications described herein.
All sales of Belden products are subject to Belden's standard terms and conditions of sale.
Belden believes this product to be in compliance with all applicable environmental programs as listed in the data sheet. The information provided is correct to the best of Belden's knowledge, information and belief
at the date of its publication. This information is designed only as a general guide for the safe handling, storage, and any other operation of the product itself or the one that it becomes a part of. The Product
Disclosure is not to be considered a warranty or quality specification. Regulatory information is for guidance purposes only. Product users are responsible for determining the applicability of legislation and
regulations based on their individual usage of the product.


Similar Part No. - NN-RJ45L-PL

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
NN-RJ45L-RT BELDEN-NN-RJ45L-RT Datasheet
132Kb / 1P
RJ45 Release Tool
04-17-2024
More results

Similar Description - NN-RJ45L-PL

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC94300 MICREL-MIC94300 Datasheet
518Kb / 13P
200mA Switch with Ripple Blocker??Technology
MIC94310 MICREL-MIC94310 Datasheet
1Mb / 13P
200mA LDO with Ripple Blocker??Technology
MIC94300_EB MICREL-MIC94300_EB Datasheet
253Kb / 6P
200mA Switch with Ripple Blocker??Technology
MIC94305 MICREL-MIC94305 Datasheet
442Kb / 13P
500mA Switch with Ripple Blocker??Technology
MIC94310_EB MICREL-MIC94310_EB Datasheet
464Kb / 6P
200mA LDO with Ripple Blocker??Technology
MIC94325 MICREL-MIC94325 Datasheet
533Kb / 16P
500mA LDO with Ripple Blocker??Technology
MIC94310-GYMT-TR MICREL-MIC94310-GYMT-TR Datasheet
1Mb / 13P
200mA LDO with Ripple Blocker??Technology
MIC94310 MICREL-MIC94310_14 Datasheet
958Kb / 15P
200mA LDO with Ripple Blocker??Technology
logo
PHOENIX CONTACT
2832991 PHOENIX-2832991 Datasheet
73Kb / 2P
FL RJ45 PROTECT CAP
logo
Microchip Technology
MIC94310 MICROCHIP-MIC94310 Datasheet
2Mb / 22P
200 mA LDO with Ripple Blocker™ Technology
Revision B September 2020
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com