Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC350-RPS Datasheet(PDF) 3 Page - DFI Inc

Part # MPC350-RPS
Description  13th Gen Intel® CoreTM Processor Medical Edge AI inference System
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFI [DFI Inc]
Direct Link  https://www.dfi.com/
Logo DFI - DFI Inc

MPC350-RPS Datasheet(HTML) 3 Page - DFI Inc

  MPC350-RPS Datasheet HTML 1Page - DFI Inc MPC350-RPS Datasheet HTML 2Page - DFI Inc MPC350-RPS Datasheet HTML 3Page - DFI Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
www.dfi.com
· 1 MPC350-RPS system unit
PACKING LIST
DFI reserves the right to change the specifications at any time prior to the product's release. Changes thereafter will be based on the product's revision. Please contact your
sales representative for the exact revision offered in your area. All product names mentioned are trademarks of their respective companies. © August 5, 2024 DFI Inc.
SPECIFICATION
SYSTEM
Processor
13th Generation Intel® LGA 1700 Socket Processors, TDP support up to 65W
Intel® Core™ I9-13900E Processor, 24 Cores, 36M Cache, up to 5.2 GHz, 65W
Intel® Core™ I7-13700E Processor, 16 Cores, 30M Cache, up to 5.1 GHz, 65W
Memory
Four 288-pin UDIMM up to 192GB (ECC/Non-ECC)
Dual Channel DDR5 up to 4400 MHz
BIOS
AMI SPI 256Mbit
GRAPHICS
Controller
Intel® UHD Graphics 700 series
Feature
OpenGL 4.5, DirectX 12, OpenCL 2.1
HW Decode: AVC/H.264, MPEG2, VC1/WMV9, JPEG/MJPEG, HEVC/H265, VP8, VP9
HW Encode: MPEG2, AVC/H264, JPEG, HEVC/H265, VP8, VP9
Display
1 x VGA
2 x DP++
1 x HDMI 2.0a
VGA: resolution up to 1920x1200 @ 60Hz
DP++: resolution up to 4096x2304 @ 60Hz
HDMI: resolution up to 4096x2160 @ 24Hz
Quad Displays
VGA + 2 DP++ + HDMI
STORAGE
External / Internal
2 x swappable 2.5" SATA drive bays
1 x M.2 2242/2260/2280 (PCIe x4 Gen4 NVMe/SATA support)
1 x M.2 2242/2260/2280 (PCIe x4 Gen4 NVMe support)
EXPANSION
Interface
2 x PCIe x16 (Gen 4) (1 x16 signals or 2 x8 signals)
2 x PCIe x4 (Gen 4)
1 x M.2 2230 E key (opt. PCIe/USB 2.0/Intel CNVi support) (Discrete Wifi 6E support)
1 x M.2 2242/2260/2280 M key (PCIe x4 Gen4 NVMe/SATA support)
1 x M.2 2242/2260/2280 M key (PCIe x4 Gen4 NVMe support)
AUDIO
Audio Codec
Realtek ALC888
Ethernet
Controller
1 x Intel® I226-LM (Core i9/i7/i5 support iAMT)
3 x Intel® I226-V
LED
Indicators
1 x Power LED
FRONT I/O
USB
2 x USB 3.2 Gen1
Buttons
1 x Power Button
REAR I/O
Ethernet
4 x 2.5GbE (RJ-45)
Serial
2 x RS-232 (DB-9)
USB
4 x USB 3.2 Gen 2 (Type A)
4 x USB 3.2 Gen 1 (Type A)
Display
1 x HDMI 2.0a
2 x DP++
1 x VGA
Audio
1 x Line-out
1 x Mic-in
Wi-Fi Antenna
2 x Wi-Fi Antenna Hole
WATCHDOG TIMER
Output & Interval
System Reset, Programmable via Software from 1 to 255 Seconds
POWER
Input
Internal PSU 90-264 VAC 5-10A 47-63 Hz, maximum output power 700W
OS SUPPORT
Microsoft
Windows 10 IoT Enterprise
Windows 11
Linux
Linux Ubuntu
MECHANISM
Construction
Metal
Color
White
Mounting
Wall mount
Dimensions (W x H x D)
380 x 180 x 400 mm
Weight
9.6 Kg
ENVIRONMENT
Operating Temperature
0 to 40°C
Storage Temperature
-20 to 60°C
Relative Humidity
5 to 90% RH (non-condensing)
STANDARDS AND
CERTIFICATIONS
Shock
Operating: IEC60068-2-27 Random 3Grms,11ms
Vibration
Operating: IEC60068-2-24 Random 1Grms, 5~500Hz
Certifciation
CE, FCC, IEC 60601-1, IEC-60601-1-2 (ongoing)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com