Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC350-RPS Datasheet(PDF) 1 Page - DFI Inc

Part # MPC350-RPS
Description  13th Gen Intel® CoreTM Processor Medical Edge AI inference System
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFI [DFI Inc]
Direct Link  https://www.dfi.com/
Logo DFI - DFI Inc

MPC350-RPS Datasheet(HTML) 1 Page - DFI Inc

  MPC350-RPS Datasheet HTML 1Page - DFI Inc MPC350-RPS Datasheet HTML 2Page - DFI Inc MPC350-RPS Datasheet HTML 3Page - DFI Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
13th Gen Intel® CoreTM Processor
Medical Edge AI inference System
MPC350-RPS
KEY FEATURES
PANEL
Front View
Rear View
Power
Button
USB 3.2
Gen1
USB 3.2
Gen2
PCIe x16
(Gen 4)
USB 3.2
Gen1
Ground
HDMI
VGA
DP++
COM
2.5G
LAN
PCIe x4
(Gen 4)
PSU
Line-out
Mic-in
Raptor Lake S
13th generation Intel® LGA 1700 Socket
Processors, TDP support up to 65W
Support various Nvidia AI
GPU Card and Capture card
Nvidia RTX 6000 ada, Nvidia GeForce RTX
4070, 2-ch Full HD H.264 PCIe Video Capture
Card with SDK
ECC DDR5 UDIMM
4 UDIMM up to 192GB memory
Medical Grade
Comply IEC60601-1, IEC60601-1-2
Security
Nuvoton TPM 2.0


Similar Part No. - MPC350-RPS

ManufacturerPart #DatasheetDescription
logo
Micro Electronics
MPC3590 MICRO-ELECTRONICS-MPC3590 Datasheet
324Kb / 2P
COMMON MODE CHOKE
More results

Similar Description - MPC350-RPS

ManufacturerPart #DatasheetDescription
logo
DFI Inc
KH960-CM238 DFI-KH960-CM238 Datasheet
890Kb / 2P
Intel Xeon/7th Gen Intel CoreTM Processor COM Express Basic
SU256-SCM DFI-SU256-SCM Datasheet
768Kb / 2P
6th Gen Intel® CoreTM 4"
July 27, 2020
WL9A3 DFI-WL9A3 Datasheet
728Kb / 2P
8th Gen Intel CoreTM Processor COM Express Mini
EC541-HD DFI-EC541-HD Datasheet
1Mb / 4P
4th Gen Intel CoreTM Modular-Designed Embedded System
WM343-SD330 DFI-WM343-SD330 Datasheet
648Kb / 2P
6th Gen Intel CoreTM Processor Desktop Box PC
WM343-SD331 DFI-WM343-SD331 Datasheet
648Kb / 4P
6th Gen Intel CoreTM Processor Desktop Box PC
logo
Advantech Co., Ltd.
AIR-100 ADVANTECH-AIR-100 Datasheet
983Kb / 2P
Edge AI Inference System with Intel Atom E3950 and One Intel MA2485 VPU
21-Apr-2021
AIR-101 ADVANTECH-AIR-101 Datasheet
1Mb / 2P
Edge AI Inference System with Intel Atom® E3940 QC SoC and Two Intel MA2485 VPUs
30-Jul-2021
AIR-200 ADVANTECH-AIR-200 Datasheet
1Mb / 2P
Edge AI Inference Rugged System with 6th Gen Intel® Core i5-6442EQ QC and Two Intel MA2485 VPUs
16-Dec-2020
MIC-710AI ADVANTECH-MIC-710AI Datasheet
597Kb / 2P
AI Inference System based on NVIDIA Jetson® NANO
25-Jul-2022
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com