Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC Datasheet(PDF) 2 Page - DFI Inc

Part # PIC
Description  7/6th Gen Intel® CoreTM Full Size PICMG 1.3
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFI [DFI Inc]
Direct Link  https://www.dfi.com/
Logo DFI - DFI Inc

PIC Datasheet(HTML) 2 Page - DFI Inc

  PIC Datasheet HTML 1Page - DFI Inc PIC Datasheet HTML 2Page - DFI Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Specifications
www.dfi.com DFI reserves the right to change the specifications at any time prior to the product's release. Changes thereafter will be based on the product's revision. Please contact your sales
representative for the exact revision offered in your area. All product names mentioned are trademarks of their respective companies. © October 18, 2024 DFI Inc.
PIC-Q170
PIC-H110
Model Name
PIC-Q170
PIC-H110
SYSTEM
Processor
7th Generation Intel® CoreTM Processors, LGA1151
Intel® CoreTM i7-7700 Processor, Four Core, 8M, 3.6GHz (4.2GHz), 65W
Intel® CoreTM i7-7700T Processor, Four Core, 8M, 2.9GHz (3.8GHz), 35W
Intel® CoreTM i5-7500 Processor, Four Core, 6M, 3.4GHz (3.8GHz), 65W
Intel® CoreTM i5-7500T Processor, Four Core, 6M, 2.7GHz (3.3GHz), 35W
Intel® CoreTM i3-7101E Processor, Dual Core, 3M, 3.9GHz , 54W
Intel® CoreTM i3-7101TE Processor, Dual Core, 3M, 3.4GHz , 35W
Intel® CoreTM G3930E Processor, Dual Core, 2M, 2.9GHz, 54W
Intel® CoreTM G3930TE Processor, Dual Core, 2M, 2.7GHz, 35W
6th Generation Intel® CoreTM Processors, LGA1151
Intel® CoreTM i7-6700 Processor, Four Core,8M, 3.4GHz (4.0GHz), 65W
Intel® CoreTM i7-6700TE Processor, Four Core,8M, 2.4GHz (3.4GHz), 35W
Intel® CoreTM i5-6500 Processor, Four Core,6M, 3.2GHz (3.6GHz), 65W
Intel® CoreTM i5-6500TE Processor, Four Core,6M, 2.3GHz (3.3GHz), 35W
Intel® CoreTM i3-6100 Processor, Dual Core,4M, 65W
Intel® CoreTM i3-6100TE Processor, Dual Core,4M, 2.7GHz, 35W
Intel® CoreTM G4400 Processor, Dual Core,3M, 3.3GHz, 65W
Intel® CoreTM G4400TE Processor, Dual Core,3M, 2.9GHz, 35W
Intel® CoreTM G3900 Processor, Dual Core,2M, 2.8GHz, 65W
Intel® CoreTM G3900TE Processor, Dual Core, 2M, 2.6GHz, 35W
Chipset
Intel® Q170 Chipset
Intel® H110 Chipset
Memory
Two 288-pin DIMM up to 32GB
Dual Channel DDR4 1866/2133MHz
Two 288-pin DIMM up to 32GB
Dual Channel DDR4 1866/2133MHz
BIOS
Insyde SPI 128Mbit
Insyde SPI 128Mbit
GRAPHICS
Display
1 x VGA
1 x DVI-D (available upon request)
VGA: resolution up to 1920x1200 @ 60Hz
DVI: resolution up to 1920x1200 @ 60Hz
1 x VGA
1 x DVI-D (available upon request)
VGA: resolution up to 1920x1200 @ 60Hz
DVI: resolution up to 1920x1200 @ 60Hz
Dual
Displays
VGA + DVI-D (available upon request)
VGA + DVI-D (available upon request)
EXPANSION
Interface
1 x PCIe x16 Gen. 3
4 x PCIe x1 Gen. 3
4 x PCI
1 x M.2 M key 2280 (PCIe/SATA3.0)
1 x PCIe x16 Gen. 3
4 x PCIe x1 Gen. 3
4 x PCI
ETHERNET
Controller/
Phy
1 x Intel® I219LM PHY
1 x Intel® I211AT PCIe (10/100/1000Mbps)
(only Core i7/i5 support iAMT)
1 x Intel® I219V PHY
1 x Intel® I211AT PCIe (10/100/1000Mbps)
REAR I/O
Ethernet
2 x GbE (RJ-45)
2 x GbE (RJ-45)
USB
2 x USB 3.0
2 x USB 3.0
Display
1 x VGA
1 x DVI-D (available upon request)
1 x VGA
1 x DVI-D (available upon request)
INTERNAL I/O
Serial
2 x RS232/422/485 (2.54mm pitch)
2 x RS232 (2.54mm pitch)
2 x RS232/422/485 (2.54mm pitch)
2 x RS232 (2.54mm pitch)
USB
2 x USB 3.0 (2.0mm pitch)
6 x USB 2.0 (2.54mm pitch)
4 x USB 2.0 (2.54mm pitch)
SATA
4 x SATA 3.0 (up to 6Gb/s)
4 x SATA 3.0 (up to 6Gb/s)
DIO
1 x 8-bit DIO
1 x 8-bit DIO
SMBus
1 x SMBus
1 x SMBus
ATX
ATX 12V Power Connector and Expansion Goldfinger
ATX 12V Power Connector and Expansion Goldfinger
WATCHDOG
TIMER
Output &
Interval
System Reset, Programmable via Software from 1 to 255 Seconds System Reset, Programmable via Software from 1 to 255 Seconds
SECURITY
TPM
fTPM 2.0/dTPM 2.0 (optional)
fTPM 2.0/dTPM 2.0 (optional)
POWER
Consumption
Idle: i7-6700 65W: 12V @ 0.57A (6.84W), 5V @ 0.72A (3.6W),
3.3V @ 0.41A (1.353W)
Max: i7-6700 65W: 12V @ 7.19A (86.28W), 5V @ 0.94A (4.7W),
3.3V @ 0.41A (1.353W)
Idle: i7-6700 65W: 12V @ 0.57A (6.84W), 5V @ 0.72A (3.6W),
3.3V @ 0.41A (1.353W)
Max: i7-6700 65W: 12V @ 7.19A (86.28W), 5V @ 0.94A (4.7W),
3.3V @ 0.41A (1.353W)
OS SUPPORT
Microsoft
Windows 7 (32/64 bit)
Windows 8.1 (64 bit)
Windows 10 IoT Enterprise (64 bit)
Note: 7th Gen Intel Core processors only support Win10
Windows 7 (32/64 bit)
Windows 8.1 (64 bit)
Windows 10 IoT Enterprise (64 bit)
Note: 7th Gen Intel Core processors only support Win10
Linux
Linux
Linux
ENVIRONMENT
Temperature Operating: 0 to 60°C
Storage: -40 to 85°C
Operating: 0 to 60°C
Storage: -40 to 85°C
Humidity
Operating: 5 to 90% RH
Operating: 5 to 90% RH
MTBF
666,097 hrs @ 25°C; 404,733 hrs @ 45°C; 263,381 hrs @ 60°C
Calculation model: Telcordia Issue 4
Environment: GB, GC – Ground Benign, Controlled
666,097 hrs @ 25°C; 404,733 hrs @ 45°C; 263,381 hrs @ 60°C
Calculation model: Telcordia Issue 4
Environment: GB, GC – Ground Benign, Controlled
MECHANICAL
Dimensions Full Size PICMG 1.3
338mm (13.3") x 126.39mm (4.98")
Full Size PICMG 1.3
338mm (13.3") x 126.39mm (4.98")
CERTIFICATIONS Certification CE, FCC Class B, RoHS
CE, FCC Class B, RoHS
Packing List
• 1 PIC-Q170/H110 board
• 1 Dual USB2.0 port cable (with bracket)
A81-001066-016G
• 2 COM port cable (with bracket)
332-700730-104G
• 2 Serial ATA data cable
332-553001-005G
Optional Items
• Dual USB2.0 port cable (with bracket)
A81-001066-016G
• COM port cable (with bracket)
A81-015011-001G
• Serial ATA data cable 332-553001-005G
A81-020016-018G
• DIO cable
A81-009133-018G
• PS2 cable
332-353016-009G
• LPT cable
A81-003006-000G
• DVI-D board (with cable)
774-PICDVI-000G



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com