Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC Datasheet(PDF) 1 Page - DFI Inc

Part # PIC
Description  7/6th Gen Intel® CoreTM Full Size PICMG 1.3
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFI [DFI Inc]
Direct Link  https://www.dfi.com/
Logo DFI - DFI Inc

PIC Datasheet(HTML) 1 Page - DFI Inc

  PIC Datasheet HTML 1Page - DFI Inc PIC Datasheet HTML 2Page - DFI Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
7/6th Gen Intel® CoreTM
Full Size PICMG 1.3
Features
PIC-Q170
PIC-H110
• 2 DDR4 DIMM up to 32GB
• 2 independent displays:
VGA + DVI-D (available upon request)
• DVI resolution up to 1920x1200 @ 60Hz
• Expansion Interface:
PCIe x16 Gen. 3, 4 PCIe x1 Gen. 3, 4 PCI, 1 M.2 2280 M Key
• Rich I/O: 2 Intel GbE, 4 USB 3.0, 6 USB 2.0
DDR4_2
DIO
LAN 1
VGA
LAN 2
USB 3.0
DVI LVDS
DDR4_1
SATA 3.0
KB/Mouse
Q170
LGA1155
COM 1-4
CPU fan
Mechanical Drawing
Block Diagram
102.6
4.9
35.3
17.8
62.0
94.6
84.7
0.0
126.4
12.9
23.1
98.1
Q170 for Reference
DMI
Channel A
2133MHz
PCIe to PCIe Bridge
TPM 2.0(Opt.)
Channel B
2133MHz
LAN 2
LAN 1
COM x4
Super IO
DDR4 DIMM
DDR4 DIMM
Core i7/i5/i3
PICMG Interface
VGA
DVI-D
Pin Header
(Opt.)
USB 2.0
6x
SATA 4x
SPI
BIOS
PS/2
PIN Header
LPC Bus
SMBus
ASM1085
PCI 4x
DIO 8-bit
USB 3.0 4x
Parallel Port
PIN Header
M.2
M Key
HD Audio
PIN Header
12V Power
USB 3.0
USB 3-6
USB 2.0 1-2
M.2 M Key
System fan
USB 3.0
DDR4
SATA 3.0
VGA
8 DIO
*The photos above refer to PIC-Q170.


Similar Part No. - PIC

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
PIC-0103 KODENSHI-PIC-0103 Datasheet
165Kb / 2P
Photo IC(photodiode with signal processing)
PIC-0903 KODENSHI-PIC-0903 Datasheet
145Kb / 2P
Photo IC(photodiode with signal processing)?
logo
List of Unclassifed Man...
PIC-1018SCL ETC-PIC-1018SCL Datasheet
507Kb / 3P
INFRARED RECEIVER MODULE
PIC-1018SMB ETC-PIC-1018SMB Datasheet
204Kb / 3P
INFRARED RECEIVER MODULE
PIC-1023 ETC-PIC-1023 Datasheet
221Kb / 3P
INFRARED RECEIVER MODULE
More results

Similar Description - PIC

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
SHB140 AXIOMTEK-SHB140_17 Datasheet
233Kb / 1P
PICMG 1.3 Full-size CPU Card with LGA1151 6th/7th Gen Intel Core
logo
DFI Inc
BP-8P4E DFI-BP-8P4E Datasheet
1,023Kb / 2P
Full Size PICMG 1.3 Backplane
PIC-H61 DFI-PIC-H61 Datasheet
688Kb / 2P
3rd/2nd Gen Intel Core Full Size PICMG 1.3
PIC-Q170 DFI-PIC-Q170 Datasheet
857Kb / 2P
7/6th Gen Intel Core Full Size PICMG 1.3
SU251 DFI-SU251 Datasheet
992Kb / 2P
6th Gen Intel CoreTM 4"||" "1251089
6th Gen Intel Core 4"||" "1251090
SU256-SCM DFI-SU256-SCM Datasheet
768Kb / 2P
6th Gen Intel® CoreTM 4"
July 27, 2020
WM343-KD330 DFI-WM343-KD330 Datasheet
693Kb / 2P
6th/7th Gen Intel CoreTM Processor Desktop Box PC
WM343-SD330 DFI-WM343-SD330 Datasheet
648Kb / 2P
6th Gen Intel CoreTM Processor Desktop Box PC
WM343-SD331 DFI-WM343-SD331 Datasheet
648Kb / 4P
6th Gen Intel CoreTM Processor Desktop Box PC
logo
Adlink Technology Inc.
NUPRO-E43 ADLINK-NUPRO-E43 Datasheet
267Kb / 3P
PICMG 1.3 Full-Size LGA1151
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com