Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RPS183 Datasheet(PDF) 2 Page - DFI Inc

Part # RPS183
Description  14th/13th/12th Gen Intel® CoreTM Mini-ITX
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFI [DFI Inc]
Direct Link  https://www.dfi.com/
Logo DFI - DFI Inc

RPS183 Datasheet(HTML) 2 Page - DFI Inc

  RPS183 Datasheet HTML 1Page - DFI Inc RPS183 Datasheet HTML 2Page - DFI Inc RPS183 Datasheet HTML 3Page - DFI Inc RPS183 Datasheet HTML 4Page - DFI Inc RPS183 Datasheet HTML 5Page - DFI Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
0
4.90
45.39
123.39
136.98
159.84
195
www.dfi.com
MECHANICAL DRAWING
BLOCK DIAGRAM
Intel®
Q670E/
H610E
Chipset
Channel A
SATA 3.0
SMBus
SPI
eSPI
DDI
DDI
PCIE x 4
HDA
Audio Jack
(Line out & Mic in)
co-lay header(opt.)
DDR5 4800MHz SODIMM
DP++
SATA 1x
SIM
SPI BIOS
80 port Header
SMBus
TPM 2.0
NPCT760AABYX
DP++
Type-C
RJ45 / 2.5G LAN1
RJ45 / 2.5G LAN2
USB 2.0 Vertical
I219LM/V
I226V
PCIe x4
Realtek
ALC888
Super IO
IT8786
with WDT
Fan Control
Case Open
H/W Monitor
DMI 4.0
INTEL DT
Raptor Lake-S
LGA 1700
Desktop ECC-ram
Channel B DDR5 4800MHz SODIMM
DP to HDMI
HDMI
Vertical
eDP Panel
eSPI
IT8855
MDI
MDI
PCIe x1 / GbE
PCIe x1
PCIe x16
PCIe x4
PCIe x1
PCIe x1
USB 3.2 Gen1
PCIe x1 / CNVi
SATA 3.0
SATA 3.0
USB 2.0
USB 2.0
USB 2.0
MXM 3.1
MUX
MUX
uPD720202K8
USB3.2 Gen1 2x
Internal Header
M.2 E Key
2230
M.2 B Key
2242/3042/3052
M.2 M Key
2280
CPU FAN 1x
System FAN 2x
I2C
EXT
OOB
SPI
Front panel
8 bit DIO header
Port_B
Port_D
Port_A
H610E Only
Q670E Only
USB 3.2 Gen2 / USB 2.0
USB 3.2 Gen2
USB 3.2 Gen2
USB 2.0
USB 3.2 Gen1
USB 3.2 Gen1
USB 3.2 Gen2 2x
USB 2.0 2x
USB 3.2 Gen2
USB 2.0
USB 2.0
co-lay
USB 3.2 Gen2 2x
COM1/2
RS232/422/485 2x
w/ Power



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com