Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RPS183 Datasheet(PDF) 4 Page - DFI Inc

Part # RPS183
Description  14th/13th/12th Gen Intel® CoreTM Mini-ITX
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFI [DFI Inc]
Direct Link  https://www.dfi.com/
Logo DFI - DFI Inc

RPS183 Datasheet(HTML) 4 Page - DFI Inc

  RPS183 Datasheet HTML 1Page - DFI Inc RPS183 Datasheet HTML 2Page - DFI Inc RPS183 Datasheet HTML 3Page - DFI Inc RPS183 Datasheet HTML 4Page - DFI Inc RPS183 Datasheet HTML 5Page - DFI Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
www.dfi.com
SPECIFICATION
Model Name
RPS183-Q670E
RPS183-H610E
REAR I/O
Audio
1 Audio Jack (Line-out/Mic-in)
(Audio header by opt.)
1 Audio Jack (Line-out/Mic-in)
(Audio header by opt.)
INTERNAL I/O
USB
2 x USB 3.2 Gen1 Header
1 x USB 2.0 Type A
2 x USB 3.2 Gen1 Header
1 x USB 2.0 Type A
Display
1 x eDP(MXM)
1 x HDMI(MXM)
1 x eDP(MXM)
1 x HDMI(MXM)
Serial
2 x RS-232/422/485
2 x RS-232/422/485
SATA
1 x SATA 3.0
1 x SATA 3.0
DIO
1 x 8-bit DIO (BOX HEADER 1*10P/1.00mm)
1 x 8-bit DIO (BOX HEADER 1*10P/1.00mm)
SPI
1 x SPI (BOX HEADER 1*6P/1.25mm)
1 x SPI (BOX HEADER 1*6P/1.25mm)
I2C
2 x I2C (BOX HEADER, 1*8P/1.0m)
2 x I2C (BOX HEADER, 1*8P/1.0m)
FAN
1 x CPU, 2 x System (WAFER,1*4P/1.25mm)
1 x CPU, 2 x System (WAFER,1*4P/1.25mm)
WATCHDOG
TIMER
Output &
Interval
System Reset, Programmable via Software from
1 to 255 Seconds
System Reset, Programmable via Software from
1 to 255 Seconds
SECURITY
TPM
dTPM (default)
fTPM (option)
dTPM (default)
fTPM (option)
POWER
Type
DC IN
DC IN
Connector
4-pin Terminal 19~24V DC-In
4-pin Terminal 19~24V DC-In
Consumption
Idle: i9-13900E 65W with MXM A4500:
24V @ 2.03A (48.72W), 19V @ 2.50A (47.50W)
Max: i9-13900E 65W with MXM A4500:
24V @ 11.66A (279.84W),
19V @ 14.73A (279.87W)
Idle: i9-13900E 65W with MXM A4500:
24V @ 2.03A (48.72W), 19V @ 2.50A (47.50W)
Max: i9-13900E 65W with MXM A4500:
24V @ 11.66A (279.84W),
19V @ 14.73A (279.87W)
Idle: i9-13900E 65W :
24V @ 2.60A (62.40W), 19V @ 3.13A (59.47W)
Max: i9-13900E 65W:
24V @ 6.40A (153.60W), 19V @ 8.08A (153.52W)
Idle: i9-13900E 65W :
24V @ 2.60A (62.40W), 19V @ 3.13A (59.47W)
Max: i9-13900E 65W:
24V @ 6.40A (153.60W), 19V @ 8.08A (153.52W)
RTC Battery
CR2032 Coin Cell
CR2032 Coin Cell
OS SUPPORT
Microsoft
Windows 10 IoT Enterprise 64-bit
Windows 11 LTSC
Windows 10 IoT Enterprise 64-bit
Windows 11 LTSC
Linux
Linux Ubuntu 22.04
Linux Ubuntu 22.04
ENVIRONMENT
Temperature
Operating w/o MXM: -5°C ~ 65°C
Operating w/i MXM: By MXM spec
Storage: -40°C ~ 85°C
Operating w/o MXM: -5°C ~ 65°C
Operating w/i MXM: By MXM spec
Storage: -40°C ~ 85°C
Humidity
Operating: 5% ~ 90% RH
Storage: 5% ~ 90% RH
Operating: 5% ~ 90% RH
Storage: 5% ~ 90% RH
MTBF
RPS183-Q670E 480,169 hrs @ 25°C;
281,641 hrs @ 45°C; 182,084 hrs @ 60°C;
Calculation model: Telcordia Issue 4
Environment: GB, GC – Ground Benign, Controlled
RPS183-H610E 480,169 hrs @ 25°C;
281,641 hrs @ 45°C; 182,084 hrs @ 60°C;
Calculation model: Telcordia Issue 4
Environment: GB, GC – Ground Benign, Controlled
MECHANISM
Dimensions
195mm (7.7") x 170mm (6.7")
195mm (7.7") x 170mm (6.7")
Height
PCB: 1.6mm
Top Side: 26.0mm(Audio); 25.79mm(RJ45)
Bottom Side: 13.53mm
PCB: 1.6mm
Top Side: 26.0mm(Audio); 25.79mm(RJ45)
Bottom Side: 13.53mm
CERTIFICATION
Certification
CE, FCC, RoHS
CE, FCC, RoHS



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com