Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RPS310 Datasheet(PDF) 4 Page - DFI Inc

Part # RPS310
Description  14th/13th/12th Gen Intel® CoreTM microATX
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFI [DFI Inc]
Direct Link  https://www.dfi.com/
Logo DFI - DFI Inc

RPS310 Datasheet(HTML) 4 Page - DFI Inc

  RPS310 Datasheet HTML 1Page - DFI Inc RPS310 Datasheet HTML 2Page - DFI Inc RPS310 Datasheet HTML 3Page - DFI Inc RPS310 Datasheet HTML 4Page - DFI Inc RPS310 Datasheet HTML 5Page - DFI Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
www.dfi.com
Model Name
RPS310-R680E
RPS310-Q670E
REAR I/O
Ethernet
2 x 2.5GbE (RJ-45) or 4 x 2.5GbE (RJ-45)
2 x 2.5GbE (RJ-45)
USB
4 x USB 3.2 Gen 2
4 x USB 3.2 Gen 1
4 x USB 3.2 Gen 2
4 x USB 3.2 Gen 1
Display
2 x DP++
1 x HDMI 2.0a
1 x VGA
2 x DP++
1 x HDMI 2.0a
1 x VGA
Audio
1 x Line-out
1 x Mic-in
1 x Line-in (opt. by request, MOQ required)
1 x Line-out
1 x Mic-in
1 x Line-in (opt. by request, MOQ required)
INTERNAL I/O
Serial
2 x RS-232/422/485
(RS-232 w/ power) (2.54mm pitch)
2 x RS-232 (2.54mm pitch)
2 x RS-232/422/485
(RS-232 w/ power) (2.54mm pitch)
2 x RS-232 (2.54mm pitch)
USB
2 x USB 3.2 Gen1
3 x USB 2.0 (2.54mm pitch)
(1 x USB 2.0 colay vertical Type A)
2 x USB 3.2 Gen1
3 x USB 2.0 (2.54mm pitch)
(1 x USB 2.0 colay vertical Type A)
Audio
1 x Front Audio Header
1 x S/PDIF
1 x Front Audio Header
1 x S/PDIF
SATA
4 x SATA 3.0 (up to 6Gb/s)
RAID 0/1/5/10
4 x SATA 3.0 (up to 6Gb/s)
RAID 0/1/5/10
PS/2
1 x PS/2 (2.54mm pitch)
1 x PS/2 (2.54mm pitch)
DIO
4-IN / 8-OUT DIO
4-IN / 8-OUT DIO
SMBus
1 x SMBus
1 x SMBus
WATCHDOG
TIMER
Output &
Interval
System Reset, Programmable via Software from
1 to 255 Seconds
System Reset, Programmable via Software from
1 to 255 Seconds
SECURITY
TPM
Nuvoton TPM 2.0
Nuvoton TPM 2.0
POWER
Type
ATX
ATX
Connector
8-pin ATX 12V power
8-pin ATX 12V power
24-pin ATX power
24-pin ATX power
Consumption
Typical: i9-13900K: 3.3V @ 0.31A (1.023W);
5V @ 1.50A (7.5W); 12V @ 7.78A (93.36W)
Max.: i9-13900K: 3.3V @ 1.16A (3.828W);
5V @ 2.71A (13.55W); 12V @ 26.34A (316.08W)
Typical: i9-13900K: 3.3V @ 0.31A (1.023W);
5V @ 1.50A (7.5W); 12V @ 7.78A (93.36W)
Max.: i9-13900K: 3.3V @ 1.16A (3.828W);
5V @ 2.71A (13.55W); 12V @ 26.34A (316.08W)
RTC Battery
CR2032 Coin Cell
CR2032 Coin Cell
OS SUPPORT
Microsoft
Windows 10 IoT Enterprise 64-bit
Windows 11 LTSC
Windows 10 IoT Enterprise 64-bit
Windows 11 LTSC
Linux
Linux
Linux
ENVIRONMENT
Temperature
Operating: -5 to 65°C
Storage: -30 to 60°C with RTC Battery;
-40 to 85°C without RTC Battery
Operating: -5 to 65°C
Storage: -30 to 60°C with RTC Battery;
-40 to 85°C without RTC Battery
Humidity
Operating: 5 to 95% RH
Storage: 5 to 95% RH
Operating: 5 to 95% RH
Storage: 5 to 95% RH
MTBF
477,165 hrs @ 25°C; 271,824 hrs @ 45°C;
171,335 hrs @ 60°C; 124,964 hrs @ 70°C
Calculation Model: Telcordia Issue 4
Environment: GB, GC - Ground Benign, Controlled
477,165 hrs @ 25°C; 271,824 hrs @ 45°C;
171,335 hrs @ 60°C; 124,964 hrs @ 70°C
Calculation Model: Telcordia Issue 4
Environment: GB, GC - Ground Benign, Controlled
MECHANISM
Dimensions
microATX Form Factor
244mm (9.6") x 244mm (9.6")
microATX Form Factor
244mm (9.6") x 244mm (9.6")
Height
PCB: 1.6mm
Top Side: TBD
Bottom Side: TBD
PCB: 1.6mm
Top Side: TBD
Bottom Side: TBD
STANDARDS AND
CERTIFICATIONS
Certifications
CE, FCC Class B, RoHS, UKCA, KC
CE, FCC Class B, RoHS, UKCA, KC
SPECIFICATION



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com