Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RPS310 Datasheet(PDF) 1 Page - DFI Inc

Part # RPS310
Description  14th/13th/12th Gen Intel® CoreTM microATX
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFI [DFI Inc]
Direct Link  https://www.dfi.com/
Logo DFI - DFI Inc

RPS310 Datasheet(HTML) 1 Page - DFI Inc

  RPS310 Datasheet HTML 1Page - DFI Inc RPS310 Datasheet HTML 2Page - DFI Inc RPS310 Datasheet HTML 3Page - DFI Inc RPS310 Datasheet HTML 4Page - DFI Inc RPS310 Datasheet HTML 5Page - DFI Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
14th/13th/12th Gen Intel® CoreTM
microATX
KEY FEATURES
DDR5
4K High
Resolution
Quad
Displays
Multiple
Expansion
Rich I/O
4 DDR5 UDIMM up to
192GB
Supports 4K resolution
VGA, 2 DP++, HDMI
2 PCIe x16, 2 PCIe x4,
1 M.2 E key, 2 M.2 M key,
4 SATA 3.0
4 Intel 2.5GbE, 4 COM,
4 USB 3.2 Gen 2,
6 USB 3.2 Gen 1,
3 USB 2.0
RPS310-R680E
RPS310-Q670E
Desktop
Top View
(RPS310-R680E)
VGA
Line-out
Mic-in
DP++
HDMI
2.5GLAN 1/2/3/4
USB 3.2
Gen2
USB 3.2
Gen1
DDR5 UDIMM
ATX Power
System Fan2
LGA 1700
M.2 M key
CPU Fan
Intel® Chipset
System Fan3
12V ATX Power
SATA
S/PDIF
Front Audio
PCIe x4
Front LAN LED
PCIe x16
System Fan 1
USB 3.2 Gen1
USB 2.0
COM 1/2/3/4
DIO Power
16-bit DIO
M.2 M key
M.2 E key
Front
Panel


Similar Part No. - RPS310

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
RPS30 BELDEN-RPS30 Datasheet
369Kb / 2P
24 V DC DIN rail power supply unit
02-03-2025
logo
DFI Inc
RPS330 DFI-RPS330 Datasheet
1Mb / 5P
14th/13th/12th Gen Intel® CoreTM microATX
RPS330-H610E DFI-RPS330-H610E Datasheet
1Mb / 5P
14th/13th/12th Gen Intel® CoreTM microATX
RPS330-Q670E DFI-RPS330-Q670E Datasheet
1Mb / 5P
14th/13th/12th Gen Intel® CoreTM microATX
More results

Similar Description - RPS310

ManufacturerPart #DatasheetDescription
logo
GSR Technology Ltd
HD330-Q87 GSR-HD330-Q87 Datasheet
1Mb / 2P
4th Gen Intel짰 CoreTM microATX
MB330-CRM GSR-MB330-CRM Datasheet
397Kb / 2P
3rd/2nd Gen Intel짰 CoreTM microATX
MB331-CRM GSR-MB331-CRM Datasheet
372Kb / 2P
3rd/2nd Gen Intel짰 CoreTM microATX
SB330-CRM GSR-SB330-CRM Datasheet
333Kb / 2P
3rd/2nd Gen Intel짰 CoreTM microATX
logo
DFI Inc
SU251 DFI-SU251 Datasheet
992Kb / 2P
6th Gen Intel CoreTM 4"||" "1251089
6th Gen Intel Core 4"||" "1251090
SU256-SCM DFI-SU256-SCM Datasheet
768Kb / 2P
6th Gen Intel® CoreTM 4"
July 27, 2020
logo
Advantech Co., Ltd.
AIMB-278 ADVANTECH-AIMB-278 Datasheet
481Kb / 2P
Mini-ITX Motherboard 12th Gen Intel® Core™ Processor LGA1700
17-Aug-2022
MIO-5377 ADVANTECH-MIO-5377 Datasheet
998Kb / 2P
12th Gen. Intel® CoreTM i7/ i5/ i3 P-series 3.5" SBC
13-Jul-2022
logo
AAEON Technology
HPC-ADSC.HPC-RPSC AAEON-HPC-ADSC.HPC-RPSC Datasheet
530Kb / 2P
COM HPC Client Size C with 12th/13th Generation Intel® Core™ Platform
2023/04/19
MIX-Q670A1 AAEON-MIX-Q670A1 Datasheet
708Kb / 2P
MIX with 13th & 12th Gen Intel® Core™ Processors (formerly Raptor Lake-S/Alder Lake-S)
2023/03/07
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com