Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RPS630-R680E Datasheet(PDF) 4 Page - DFI Inc

Part # RPS630-R680E
Description  14th/13th/12th Gen Intel® CoreTM ATX
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFI [DFI Inc]
Direct Link  https://www.dfi.com/
Logo DFI - DFI Inc

RPS630-R680E Datasheet(HTML) 4 Page - DFI Inc

  RPS630-R680E Datasheet HTML 1Page - DFI Inc RPS630-R680E Datasheet HTML 2Page - DFI Inc RPS630-R680E Datasheet HTML 3Page - DFI Inc RPS630-R680E Datasheet HTML 4Page - DFI Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
www.dfi.com
DFI reserves the right to change the specifications at any time prior to the product's release. Changes thereafter will be based on the product's revision. Please contact your
sales representative for the exact revision offered in your area. All product names mentioned are trademarks of their respective companies. © Devcember 26, 2024 DFI Inc.
PACKING LIST
ORDERING INFORMATION
Model Name
P/N
Memory 2.5GbE 1GbE RS-232/422/485 USB 3.2
Gen2
USB 3.2
Gen1
USB 2.0 TPM 2.0
Power
Temp.
RPS630-Q670E 770-RPS6301-000G
4 UDIMM
2
0
2
4
6
3
dTPM
24-pin ATX/8-pin ATX 12V -5 to 65°C
RPS630-R680E 770-RPS6301-100G
3
1
2
·
1 RPS630 motherboard
·
1 COM port cables (Length: 300mm, 2 x COM ports)
·
1 Serial ATA data cable (Length: 500mm)
·
1 I/O shield
A49-RPS310-000G
·
1 M.2 screw/standoff
OPTIONAL ITEMS
·
USB 2.0 port cable (Length: 350/398mm)
A81-001066-016G
·
USB 3.2 Gen1 port cable (Length: 320mm)
A81-001052-023G
·
USB 3.2 Gen2 port cable (Length: 300mm)
A81-001075-017G
·
COM port cable (Length: 300mm, 2 x COM ports)
A81-015026-023G
·
Serial ATA data cable (Length: 500mm, W/LOCK)
332-553001-005G
·
Serial ATA data cable (Length: 500mm, W/LOCK, 90D) A81-002128-017G
·
Thermal solution (For 35W, Height: 29.39mm)
A71-101136-000G
·
Thermal solution (For 65W, Height: 46mm)
A71-101137-000G
·
Thermal solution (For 95W/125W, Height: 110mm)
A71-101145-000G
·
DP to HDMI Dongle
612-D2H13M-000G
·
M.2-COM4 (M.2 serial port module)
770-M2COM1-000G
·
M.2-2LAN (M.2 LAN port module)
770-M22LN2-000G
·
M.2-2PSE (M.2 PSE module)
770-M22PS2-000G
SPECIFICATION
Model Name
RPS630-R680E
RPS630-Q670E
REAR I/O
Ethernet
3 x 2.5GbE (RJ-45)
1 x 1GbE (RJ-45, opt. 2.5GbE)
2 x 2.5GbE (RJ-45)
USB
4 x USB 3.2 Gen 2
4 x USB 3.2 Gen 1
4 x USB 3.2 Gen 2
4 x USB 3.2 Gen 1
Display
1 x VGA
2 x DP++
1 x HDMI
1 x VGA
2 x DP++
1 x HDMI
Audio
1 x Line-out
1 x Mic-in
1 x Line-in (opt.)
1 x Line-out
1 x Mic-in
1 x Line-in (opt.)
INTERNAL I/O
Serial
2 x RS-232/422/485
4 x RS-232
2 x RS-232/422/485
4 x RS-232
USB
2 x USB 3.2 Gen1
2 x USB 2.0 Vertical Type A
2 x USB 3.2 Gen1
1 x USB 2.0 Vertical Type A
2 x USB 2.0 (2.54mm pitch, Colay vertical Type A,
opt.: MOQ required)
Audio
1 x Front Audio
1 x S/PDIF
1 x Front Audio
1 x S/PDIF
SATA
4 x SATA 3.0 (up to 6Gb/s)
RAID 0/1/5/10
4 x SATA 3.0 (up to 6Gb/s)
RAID 0/1/5/10
PS/2
1 x PS/2 (2.54mm pitch)
1 x PS/2 (2.54mm pitch)
DIO
4-IN / 8-OUT DIO
4-IN / 8-OUT DIO
eSPI
1 x eSPI
1 x eSPI
SMBus
1 x SMBus
1 x SMBus
WATCHDOG
TIMER
Output &
Interval
System Reset, Programmable via Software from
1 to 255 Seconds
System Reset, Programmable via Software from
1 to 255 Seconds
SECURITY
TPM
Nuvoton TPM2.0
Nuvoton TPM2.0
POWER
Type
ATX
ATX
Connector
8-pin ATX 12V power
24-pin ATX power
8-pin ATX 12V power
24-pin ATX power
Consumption
Typical: i9-14900K: 3.3V @ 0.69A (2.28W);
5V @ 0.95A (4.75W); 12V @ 1.26A (15.12W)
Max.: i9-14900K: 3.3V @ 1.2A (3.96W);
5V @ 3.6A (18W); 12V @ 29.02A (348.24W)
Typical: i9-14900K: 3.3V @ 0.69A (2.28W);
5V @ 0.95A (4.75W); 12V @ 1.26A (15.12W)
Max.: i9-14900K: 3.3V @ 1.2A (3.96W);
5V @ 3.6A (18W); 12V @ 29.02A (348.24W)
RTC Battery
CR2032 Coin Cell
CR2032 Coin Cell
OS SUPPORT
Microsoft
Windows 10 IoT Enterprise 64-bit
Windows 11 LTSC
Windows 10 IoT Enterprise 64-bit
Windows 11 LTSC
Linux
Linux
Linux
ENVIRONMENT
Temperature
Operating: -5 to 65°C
Storage: -30 to 60°C with RTC Battery;
-40 to 85°C without RTC Battery
Operating: -5 to 65°C
Storage: -30 to 60°C with RTC Battery;
-40 to 85°C without RTC Battery
Humidity
Operating: 5 to 95% RH
Storage: 5 to 95% RH
Operating: 5 to 95% RH
Storage: 5 to 95% RH
MTBF
TBD
TBD
MECHANISM
Dimensions
ATX Form Factor
305mm (12") x 244mm (9.6")
ATX Form Factor
305mm (12") x 244mm (9.6")
Height
PCB: 1.6mm
Top Side: 33.3mm
Bottom Side: 4mm
PCB: 1.6mm
Top Side: 33.3mm
Bottom Side: 4mm
CERTIFICATIONS
Certifications
CE, FCC Class B, RoHS, UKCA, KC
CE, FCC Class B, RoHS, UKCA, KC



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com