Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RPS630-R680E Datasheet(PDF) 1 Page - DFI Inc

Part # RPS630-R680E
Description  14th/13th/12th Gen Intel® CoreTM ATX
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFI [DFI Inc]
Direct Link  https://www.dfi.com/
Logo DFI - DFI Inc

RPS630-R680E Datasheet(HTML) 1 Page - DFI Inc

  RPS630-R680E Datasheet HTML 1Page - DFI Inc RPS630-R680E Datasheet HTML 2Page - DFI Inc RPS630-R680E Datasheet HTML 3Page - DFI Inc RPS630-R680E Datasheet HTML 4Page - DFI Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
14th/13th/12th Gen Intel® CoreTM
ATX
KEY FEATURES
DDR5
4K High
Resolution
Quad
Displays
Multiple
Expansion
Rich I/O
4 DDR5 UDIMM up to
192GB
Supports 4K resolution
VGA, 2 DP++, HDMI
2 PCIe x16, 4 PCIe x4,
1 PCI, 2 M.2 M key,
1 M.2 A Key(OOB),
1 M.2 E Key
4 Intel 2.5GbE, 6 COM,
4 USB 3.2 Gen2,
6 USB 3.2 Gen1,
3 USB 2.0
RPS630-R680E
RPS630-Q670E
Top View
(RPS630-R680E)
Desktop
Line-out
LAN 4
·
R680E: 1G
·
Q670E: 2.5G
DIO Conn.4 in/4 out
DIO Conn. 4 out
System Fan1
COM 1
PCI
COM 2
USB 2.0
Intel® R680E/Q670E
Chipset
M.2 E key
M.2 M key
USB 2.0
·
R680E: Vertical Type A 1x
·
Q670E: Header 2x
COM 3/4/5/6
Front Audio
PCIe x16
S/PDIF
USB 3.2 Gen1
PCIe x4
Mic-in
VGA
2.5G
LAN3
HDMI
DP++
2.5G LAN 1/2
(R680E only)
USB 3.2
Gen2
USB 3.2
Gen1
DDR5 UDIMM
LGA 1700
12V ATX Power
CPU Fan
M.2 M key
ATX Power
System Fan2
System Fan3
Front
Panel
SATA
SPI
M.2 A key
(R680E only)


Similar Part No. - RPS630-R680E

ManufacturerPart #DatasheetDescription
logo
DFI Inc
RPS631 DFI-RPS631 Datasheet
1Mb / 4P
14th/13th/12th Gen Intel® CoreTM ATX
More results

Similar Description - RPS630-R680E

ManufacturerPart #DatasheetDescription
logo
GSR Technology Ltd
HD631-Q87 GSR-HD631-Q87 Datasheet
1Mb / 2P
4th Gen Intel짰 CoreTM ATX
HD632-H81 GSR-HD632-H81 Datasheet
526Kb / 2P
4th Gen Intel짰 CoreTM ATX
logo
DFI Inc
SU251 DFI-SU251 Datasheet
992Kb / 2P
6th Gen Intel CoreTM 4"||" "1251089
6th Gen Intel Core 4"||" "1251090
SU256-SCM DFI-SU256-SCM Datasheet
768Kb / 2P
6th Gen Intel® CoreTM 4"
July 27, 2020
logo
Advantech Co., Ltd.
AIMB-278 ADVANTECH-AIMB-278 Datasheet
481Kb / 2P
Mini-ITX Motherboard 12th Gen Intel® Core™ Processor LGA1700
17-Aug-2022
MIO-5377 ADVANTECH-MIO-5377 Datasheet
998Kb / 2P
12th Gen. Intel® CoreTM i7/ i5/ i3 P-series 3.5" SBC
13-Jul-2022
logo
AAEON Technology
ATX-Q670A AAEON-ATX-Q670A Datasheet
702Kb / 2P
ATX with 12th/13th Generation Intel® Core™ LGA1700 Socket Processors, TDP Max. 125W, DDR5 DRAM, Multiple Display Ports
2023/04/13
HPC-ADSC.HPC-RPSC AAEON-HPC-ADSC.HPC-RPSC Datasheet
530Kb / 2P
COM HPC Client Size C with 12th/13th Generation Intel® Core™ Platform
2023/04/19
MIX-Q670A1 AAEON-MIX-Q670A1 Datasheet
708Kb / 2P
MIX with 13th & 12th Gen Intel® Core™ Processors (formerly Raptor Lake-S/Alder Lake-S)
2023/03/07
logo
BCM Advanced Research.
RX680R BCM-RX680R Datasheet
524Kb / 2P
Intel® R680E PCH Micro ATX Motherboard supports 12th Gen Intel® Alder Lake/Raptor Lake i9/i7/i5/i3 Processors
02/13/2023
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com