Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RPS100-R680E Datasheet(PDF) 3 Page - DFI Inc

Part # RPS100-R680E
Description  14th/13th/12th Gen Intel® CoreTM Mini-ITX
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFI [DFI Inc]
Direct Link  https://www.dfi.com/
Logo DFI - DFI Inc

RPS100-R680E Datasheet(HTML) 3 Page - DFI Inc

  RPS100-R680E Datasheet HTML 1Page - DFI Inc RPS100-R680E Datasheet HTML 2Page - DFI Inc RPS100-R680E Datasheet HTML 3Page - DFI Inc RPS100-R680E Datasheet HTML 4Page - DFI Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
www.dfi.com
SPECIFICATION
Model Name
RPS100-R680E
RPS100-Q670E
RPS100-H610E
SYSTEM
Processor
14th Generation Intel® LGA 1700 Socket Processors, TDP support up to 65W
13th Generation Intel® LGA 1700 Socket Processors, TDP support up to 65W
Intel® Core™ I9-13900E (24 Cores, 36M Cache, up to 5.2 GHz); 65W
Intel® Core™ I9-13900TE (24 Cores, 36M Cache, up to 5.0 GHz); 35W
Intel® Core™ I7-13700E (16 Cores, 30M Cache, up to 5.1 GHz); 65W
Intel® Core™ I7-13700TE (16 Cores, 30M Cache, up to 4.8 GHz); 35W
Intel® Core™ I7-13700T (16 Cores, 30M Cache, up to 4.9 GHz); 35W
Intel® Core™ I5-13500E (14 Cores, 24M Cache, up to 4.6 GHz); 65W
Intel® Core™ I5-13500TE (14 Cores, 24M Cache, up to 4.5 GHz); 35W
Intel® Core™ I5-13500T (14 Cores, 24M Cache, up to 4.6 GHz); 35W
Intel® Core™ I5-13400E (10 Cores, 20M Cache, up to 4.6 GHz); 65W
Intel® Core™ I3-13100E (4 Cores, 12M Cache, up to 3.3 GHz); 60W
Intel® Core™ I3-13100TE (4 Cores, 12M Cache, up to 4.1 GHz); 35W
Intel® Core™ I3-13100T (4 Cores, 12M Cache, up to 4.2 GHz); 35W
12th Generation Intel® LGA 1700 Socket Processors, TDP support up to 65W
Intel® Core™ i9-12900E (16 Cores, 30M Cache, up to 5.0 GHz); 65W
Intel® Core™ i9-12900TE (16 Cores, 30M Cache, up to 4.8 GHz); 35W
Intel® Core™ i7-12700E (12 Cores, 25M Cache, up to 4.8 GHz); 65W
Intel® Core™ i7-12700TE (12 Cores, 25M Cache, up to 4.6 GHz); 35W
Intel® Core™ i5-12500E (6 Cores, 18M Cache, up to 4.5 GHz); 65W
Intel® Core™ i5-12500TE (6 Cores, 18M Cache, up to 4.3 GHz); 35W
Intel® Core™ i3-12100E (4 Cores, 12M Cache, up to 4.2 GHz); 60W
Intel® Core™ i3-12100TE (4 Cores, 12M Cache, up to 4.0 GHz); 35W
Intel® Pentium® G7400E (2 Cores, 6M Cache, 3.6 GHz); 46W
Intel® Pentium® G7400TE (2 Cores, 6M Cache, 3.0 GHz); 35W
Intel® Celeron® G6900E (2 Cores, 4M Cache, 3.0 GHz); 46W
Intel® Celeron® G6900TE (2 Cores, 4M Cache, 2.4 GHz); 35W
Chipset
Intel® R680E Chipset
Intel® Q670E Chipset
Intel® H610E Chipset
Memory
2x 262-pin SODIMM up to 64GB
Dual Channel DDR5 4800MHz
(ECC supported w/ i7&i5,
Non-ECC supported)
2x 262-pin SODIMM up to 64GB
Dual Channel DDR5 4800MHz
(Non-ECC supported)
2x 262-pin SODIMM up to 64GB
Dual Channel DDR5 4800MHz
(Non-ECC supported)
BIOS
AMI SPI 256Mbit
AMI SPI 256Mbit
AMI SPI 256Mbit
GRAPHICS
Controller
Intel® UHD Graphics 700 series
Intel® UHD Graphics 700 series
Intel® UHD Graphics 700 series
Feature
OpenGL 4.5, DirectX 12, OpenCL
2.1
HW Decode: AVC/H.264, MPEG2,
VC1/WMV9, JPEG/MJPEG,
HEVC/H265, VP8, VP9
HW Encode: MPEG2, AVC/H264,
JPEG, HEVC/H265, VP8, VP9
OpenGL 4.5, DirectX 12, OpenCL
2.1
HW Decode: AVC/H.264, MPEG2,
VC1/WMV9, JPEG/MJPEG,
HEVC/H265, VP8, VP9
HW Encode: MPEG2, AVC/H264,
JPEG, HEVC/H265, VP8, VP9
OpenGL 4.5, DirectX 12, OpenCL
2.1
HW Decode: AVC/H.264, MPEG2,
VC1/WMV9, JPEG/MJPEG,
HEVC/H265, VP8, VP9
HW Encode: MPEG2, AVC/H264,
JPEG, HEVC/H265, VP8, VP9
Display
1 x HDMI
1 x DP++
1 x VGA
HDMI: resolution up to 3840x2160
@ 24Hz
DP++: resolution up to 3840x2160
@ 60Hz
VGA: resolution up to 2048x1536
@ 60Hz
1 x HDMI
1 x DP++
1 x VGA
HDMI: resolution up to 3840x2160
@ 24Hz
DP++: resolution up to 3840x2160
@ 60Hz
VGA: resolution up to 2048x1536
@ 60Hz
1 x HDMI
1 x DP++
1 x VGA
HDMI: resolution up to 3840x2160
@ 24Hz
DP++: resolution up to 3840x2160
@ 60Hz
VGA: resolution up to 2048x1536
@ 60Hz
Quad
Displays
HDMI + DP++ + VGA
+ M2A-Display (optional)
HDMI + DP++ + VGA
+ M2A-Display (optional)
HDMI + DP++ + VGA
+ M2A-Display (optional)
EXPANSION
Interface
1 x PCIe Gen 5 x16
(Bifircation 1 x16, 2 x8)
1 x PCIe Gen 5 x16
(Bifircation 1 x16, 2 x8)
1 x PCIe Gen 5 x16
(Bifircation 1 x16, 2 x8)
1 x M.2 2230 E Key (PCIE Gen3x1
and USB2.0, support Intel® CNVi)
1 x M.2 2230 E Key (PCIE Gen3x1
and USB2.0, support Intel® CNVi)
1 x M.2 2230 E Key (PCIE Gen3x1
and USB2.0, support Intel® CNVi)
1 x M.2 3060 A Key support DFI
M2A-display module (DDI/PCIE
Gen3x1) (opt. MOQ required)
1 x M.2 3060 A Key support DFI
M2A-display module (DDI/PCIE
Gen3x1) (opt. MOQ required)
1 x M.2 3060 A Key support DFI
M2A-display module (DDI/PCIE
Gen3x1) (opt. MOQ required)
1 x M.2 2280 M Key (PCIE Gen 3x4
or SATA3)
1 x M.2 2280 M Key (PCIE Gen 3x4
or SATA3)
1 x M.2 2280 M Key (PCIE Gen 3x4
or SATA3)
AUDIO
Audio Codec Realtek ALC888S
Realtek ALC888S
Realtek ALC888S
ETHERNET
Controller
1 x Intel® I226LM
(10/100/1000/2500Mbps)
1 x Intel® I226V
(10/100/1000/2500Mbps)
1 x Intel® I226LM
(10/100/1000/2500Mbps)
1 x Intel® I226V
(10/100/1000/2500Mbps)
2 x Intel® I226V
(10/100/1000/2500Mbps)
REAR I/O
Ethernet
2 x 2.5GHz RJ45
2 x 2.5GHz RJ45
2 x 2.5GHz RJ45
USB
2 x USB 3.2 Gen2
4 x USB 3.2 Gen1
6 x USB 3.2 Gen1
4 x USB 3.2 Gen1
2 x USB 2.0
Display
1 x DP++
1 x HDMI
1 x VGA
1 x DP++
1 x HDMI
1 x VGA
1 x DP++
1 x HDMI
1 x VGA
Serial
2 x RS-232/422/485
2 x RS-232/422/485
2 x RS-232/422/485



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com