Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RPS100-R680E Datasheet(PDF) 1 Page - DFI Inc

Part # RPS100-R680E
Description  14th/13th/12th Gen Intel® CoreTM Mini-ITX
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFI [DFI Inc]
Direct Link  https://www.dfi.com/
Logo DFI - DFI Inc

RPS100-R680E Datasheet(HTML) 1 Page - DFI Inc

  RPS100-R680E Datasheet HTML 1Page - DFI Inc RPS100-R680E Datasheet HTML 2Page - DFI Inc RPS100-R680E Datasheet HTML 3Page - DFI Inc RPS100-R680E Datasheet HTML 4Page - DFI Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
RPS100-R680E
RPS100-Q670E
RPS100-H610E
14th/13th/12th Gen Intel® CoreTM
Mini-ITX
KEY FEATURES
DDR5
4K High
Resolution
Quad
Displays
Multiple
Expansion
Rich I/O
2 DDR5 SODIMM up to
64GB
Supports 4K resolution
1 DP++ +1 HDMI +1 VGA
+ M2A Display
(eDP/LVDS/VGA/HDMI)
1 PCIe x16, 1 M.2 M key,
1 M.2 E Key, 1 M.2 A Key
2 Intel 2.5GbE, 2 COM,
up to 2 USB 3.2 Gen2,
4 USB 3.2 Gen1,
2 USB2.0 headers
Desktop
Top View
Bottom View
Front Audio
M.2 A Key
USB 2.0
SPI
SATA 3.0
ATX Power
CPU Fan
Intel® R680E/Q670E/H610E
Chipset
12V ATX Power
Front Panel
8-bit DIO
M.2 M Key
M.2 E Key
PCIe x16
DDR5 SODIMM
14th/13th/12th Gen
Intel® CoreTM Processors
Systen Fan
COM 1/2 2.5G LAN 1/2
USB 3.2 Gen1
VGA
HDMI
R680E: USB 3.2 Gen2
Q670E: USB 3.2 Gen1
H610E: USB 2.0
DP++


Similar Part No. - RPS100-R680E

ManufacturerPart #DatasheetDescription
logo
DFI Inc
RPS101 DFI-RPS101 Datasheet
1Mb / 5P
14th/13th/12th Gen Intel® CoreTM Thin Mini-ITX
RPS101-H610E DFI-RPS101-H610E Datasheet
1Mb / 5P
14th/13th/12th Gen Intel® CoreTM Thin Mini-ITX
RPS101-Q670E DFI-RPS101-Q670E Datasheet
1Mb / 5P
14th/13th/12th Gen Intel® CoreTM Thin Mini-ITX
RPS101-R680E DFI-RPS101-R680E Datasheet
1Mb / 5P
14th/13th/12th Gen Intel® CoreTM Thin Mini-ITX
RPS103-H610E DFI-RPS103-H610E Datasheet
1Mb / 5P
14th/13th/12th Gen Intel® CoreTM Thin Mini-ITX
More results

Similar Description - RPS100-R680E

ManufacturerPart #DatasheetDescription
logo
GSR Technology Ltd
CR100-CRM GSR-CR100-CRM Datasheet
729Kb / 2P
3rd/2nd Gen Intel짰 CoreTM Mini-ITX
HD100-H81 GSR-HD100-H81 Datasheet
386Kb / 2P
4th Gen Intel짰 CoreTM Mini-ITX
HM100-HM86 GSR-HM100-HM86 Datasheet
415Kb / 2P
4th Gen Intel짰 CoreTM Mini-ITX
HR100-CRM GSR-HR100-CRM Datasheet
1Mb / 2P
3rd/2nd Gen Intel짰 CoreTM Mini-ITX
HU101 GSR-HU101 Datasheet
460Kb / 2P
4th Gen Intel짰 CoreTM Mini-ITX
logo
DFI Inc
SU256-SCM DFI-SU256-SCM Datasheet
768Kb / 2P
6th Gen Intel® CoreTM 4"
July 27, 2020
WL9A3 DFI-WL9A3 Datasheet
728Kb / 2P
8th Gen Intel CoreTM Processor COM Express Mini
logo
Advantech Co., Ltd.
AIMB-278 ADVANTECH-AIMB-278 Datasheet
481Kb / 2P
Mini-ITX Motherboard 12th Gen Intel® Core™ Processor LGA1700
17-Aug-2022
MIO-5377 ADVANTECH-MIO-5377 Datasheet
998Kb / 2P
12th Gen. Intel® CoreTM i7/ i5/ i3 P-series 3.5" SBC
13-Jul-2022
logo
AAEON Technology
MIX-Q670A1 AAEON-MIX-Q670A1 Datasheet
708Kb / 2P
MIX with 13th & 12th Gen Intel® Core™ Processors (formerly Raptor Lake-S/Alder Lake-S)
2023/03/07
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com