Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BQ20Z95 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # BQ20Z95
Description  SBS 1.1-COMPLIANT GAS GAUGE and PROTECTION ENABLED WITH IMPEDANCE TRACK?
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ20Z95 Datasheet(HTML) 5 Page - Texas Instruments

  BQ20Z95 Datasheet HTML 1Page - Texas Instruments BQ20Z95 Datasheet HTML 2Page - Texas Instruments BQ20Z95 Datasheet HTML 3Page - Texas Instruments BQ20Z95 Datasheet HTML 4Page - Texas Instruments BQ20Z95 Datasheet HTML 5Page - Texas Instruments BQ20Z95 Datasheet HTML 6Page - Texas Instruments BQ20Z95 Datasheet HTML 7Page - Texas Instruments BQ20Z95 Datasheet HTML 8Page - Texas Instruments BQ20Z95 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
www.ti.com
Recommended Operating Conditions
Electrical Characteristics
bq20z95
SLUS757 – JULY 2007
over operating free-air temperature range (unless otherwise noted)
PARAMETER
PIN
MIN
NOM
MAX
UNIT
VSS
Supply voltage
VCC, VBAT
4.5
25
V
V(STARTUP)
Minimum startup voltage
VCC, BAT, PACK
5.5
V
VC(n)-VC(n+1); n = 1,2,3,4
0
5
V
VC1, VC2, VC3, VC4
0
VSUP
V
VIN
Input Voltage Range
VC5
0
0.5
V
ASRN, ASRP
–0.5
0.5
V
PACK, PMS
0
25
V
V(GPOD)
Output Voltage Range
GPOD
0
25
V
A(GPOD)
Drain Current(1)
GPOD
1
mA
C(REG25)
2.5V LDO Capacitor
REG25
1
µF
C(REG33)
3.3V LDO Capacitor
REG33
2.2
µF
C(VCELL+)
Cell Voltage Output Capacitor
VCELL+
0.1
µF
C(PACK)
PACK input block resistor(2)
PACK
1
k
Ω
(1)
Use an external resistor to limit the current to GPOD to 1mA in high voltage application.
(2)
Use an external resistor to limit the inrush current PACK pin required.
over operating free-air temperature range (unless otherwise noted), TA = –40°C to 85°C, V(REG25) = 2.41 V to 2.59 V, V(BAT) =
14 V, C(REG25) = 1 µF, C(REG33) = 2.2 µF; typical values at TA = 25°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SUPPLY CURRENT
I(NORMAL)
Firmware running
550
µA
I(SLEEP)
Sleep Mode
CHG FET on; DSG FET on
124
µA
CHG FET off; DSG FET on
90
µA
CHG FET off; DSG FET off
52
µA
I(SHUTDOWN)
Shutdown Mode
0.1
1
µA
SHUTDOWN WAKE; TA = 25°C (unless otherwise noted)
I(PACK)
Shutdown exit at VSTARTUP threshold
1
µA
SRx WAKE FROM SLEEP; TA = 25°C (unless otherwise noted)
Positive or negative wake threshold
V(WAKE)
with 1.00 mV, 2.25 mV, 4.5 mV and 9
1.25
10
mV
mV programmable options
V(WAKE) = 1 mV;
-0.7
0.7
I(WAKE)= 0, RSNS1 = 0, RSNS0 = 1;
V(WAKE) = 2.25 mV;
I(WAKE) = 1, RSNS1 = 0, RSNS0 = 1;
-0.8
0.8
I(WAKE) = 0, RSNS1 = 1, RSNS0 = 0;
V(WAKE_ACR)
Accuracy of V(WAKE)
mV
V(WAKE) = 4.5 mV;
I(WAKE) = 1, RSNS1 = 1, RSNS0 = 1;
-1.0
1.0
I(WAKE) = 0, RSNS1 = 1, RSNS0 = 0;
V(WAKE) = 9 mV;
-1.4
1.4
I(WAKE) = 1, RSNS1 = 1, RSNS0 = 1;
V(WAKE_TCO)
Temperature drift of V(WAKE) accuracy
0.5
%/
°C
Time from application of current and
t(WAKE)
1
10
ms
wake of bq8040
POWER-ON RESET
VIT–
Negative-going voltage input
Voltage at REG25 pin
1.70
1.80
1.90
V
Vhys
Hysteresis
VIT+ – VIT-
50
150
250
mV
active low time after power up or
tRST
RESET active low time
100
250
560
µs
watchdog reset
WATCHDOG TIMER
tWDTINT
Watchdog start up detect time
250
500
1000
ms
Copyright © 2007, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): bq20z95



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com