Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BQ20Z95 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # BQ20Z95
Description  SBS 1.1-COMPLIANT GAS GAUGE and PROTECTION ENABLED WITH IMPEDANCE TRACK?
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ20Z95 Datasheet(HTML) 11 Page - Texas Instruments

Back Button BQ20Z95 Datasheet HTML 7Page - Texas Instruments BQ20Z95 Datasheet HTML 8Page - Texas Instruments BQ20Z95 Datasheet HTML 9Page - Texas Instruments BQ20Z95 Datasheet HTML 10Page - Texas Instruments BQ20Z95 Datasheet HTML 11Page - Texas Instruments BQ20Z95 Datasheet HTML 12Page - Texas Instruments BQ20Z95 Datasheet HTML 13Page - Texas Instruments BQ20Z95 Datasheet HTML 14Page - Texas Instruments BQ20Z95 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
www.ti.com
FEATURE SET
Primary (1st Level) Safety Features
Secondary (2nd Level) Safety Features
Charge Control Features
Gas Gauging
Authentication
bq20z95
SLUS757 – JULY 2007
The bq20z95 supports a wide range of battery and system protection features that can easily be configured. The
primary safety features include:
• Cell over/under voltage protection
• Charge and Discharge over current
• Short Circuit
• Charge and Discharge Over temperature
• AFE Watchdog
The secondary safety features of the bq20z95 can be used to indicate more serious faults via the SAFE (pin 7).
This pin can be used to blow an in-line fuse to permanently disable the battery pack from charging or
discharging. The secondary safety protection features include:
• Safety over voltage
• Safety over current in Charge and Discharge
• Safety over temperature in Charge and Discharge
• Charge FET and 0 Volt Charge FET fault
• Discharge FET fault
• AFE communication fault
The bq20z95 charge control features include:
• Reports the appropriate charging current needed for constant current charging and the appropriate charging
voltage needed for constant voltage charging to a smart charger using SMBus broadcasts.
• Determines the chemical state of charge of each battery cell using Impedance Track™ and can reduce the
charge difference of the battery cells in fully charged state of the battery pack gradually using cell balancing
algorithm during charging. This prevents fully charged cells from overcharging and causing excessive
degradation and also increases the usable pack energy by preventing premature charge termination
• Supports pre-charging/zero-volt charging
• Support fast charging
• Supports charge inhibit and charge suspend if battery pack temperature is out of temperature range
• Reports charging fault and also indicate charge status via charge and discharge alarms.
The bq20z95 uses the Impedance Track™ Technology to measure and calculate the available charge in battery
cells. The achievable accuracy is better than 1% error over the lifetime of the battery and there is no full charge
discharge learning cycle required.
See Theory and Implementation of Impedance Track Battery Fuel-Gauging Algorithm application note (SLUA364)
for further details.
The bq20z95 supports authentication by the host using SHA-1.
Copyright © 2007, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): bq20z95



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com