Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BQ20Z95DBT Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # BQ20Z95DBT
Description  SBS 1.1-COMPLIANT GAS GAUGE and PROTECTION ENABLED WITH IMPEDANCE TRACK?
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ20Z95DBT Datasheet(HTML) 1 Page - Texas Instruments

  BQ20Z95DBT Datasheet HTML 1Page - Texas Instruments BQ20Z95DBT Datasheet HTML 2Page - Texas Instruments BQ20Z95DBT Datasheet HTML 3Page - Texas Instruments BQ20Z95DBT Datasheet HTML 4Page - Texas Instruments BQ20Z95DBT Datasheet HTML 5Page - Texas Instruments BQ20Z95DBT Datasheet HTML 6Page - Texas Instruments BQ20Z95DBT Datasheet HTML 7Page - Texas Instruments BQ20Z95DBT Datasheet HTML 8Page - Texas Instruments BQ20Z95DBT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
1
FEATURES
DESCRIPTION
APPLICATIONS
bq20z95
SLUS757 – JULY 2007
www.ti.com
SBS 1.1-COMPLIANT GAS GAUGE and PROTECTION ENABLED WITH IMPEDANCE
TRACK™
2
• Next Generation Patented Impedance Track™
Technology Accurately Measures Available
The
bq20z95
SBS-compliant
gas
gauge
and
Charge in Li-Ion and Li-Polymer Batteries
protection IC is a single IC solution designed for
battery-pack or in-system installation. The bq20z95
–
Better Than 1% Error Over Lifetime of the
measures and maintains an accurate record of
Battery
available charge in Li-ion or Li-polymer batteries
• Supports the Smart Battery Specification
using
its
integrated
high-performance
analog
SBS V1.1
peripherals,
monitors
capacity
change,
battery
• Flexible Configuration for 2 to 4 Series Li-Ion
impedance, open-circuit voltage, and other critical
parameters of the battery pack as well and reports
and Li-Polymer Cells
the information to the system host controller over a
• Powerful 8-Bit RISC CPU With Ultra-Low
serial-communication
bus.
Together
with
the
Power Modes
integrated analog front-end (AFE) short-circuit and
• Full Array of Programmable Protection
overload
protection,
the
bq20z95
maximizes
Features
functionality and safety while minimizing external
component count, cost, and size in smart battery
–
Voltage, Current, and Temperature
circuits.
• Supports SHA-1 Authentication
The implemented Impedance Track™ gas gauging
• Complete Battery Protection and Gas Gauge
technology
continuously
analyzes
the
battery
Solution in one Package
impedance,
resulting
in
superior
gas-gauging
• Small 44-Pin TSSOP (DBT) package
accuracy. This enables remaining capacity to be
calculated with discharge rate, temperature, and cell
aging all accounted for during each stage of every
cycle with high accuracy.
• Notebook PCs
• Medical and Test Equipment
• Portable Instrumentation
AVAILABLE OPTIONS
PACKAGE(1)
TA
44-PIN TSSOP (DBT) Tube
44-PIN TSSOP (DBT) Tape and Reel
–40
°C to 85°C
bq20z95DBT(2)
bq20z95DBTR(3)
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
website at www.ti.com.
(2)
A single tube quantity is 50 units.
(3)
A single reel quantity is 2000 units
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
Impedance Track is a trademark of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright © 2007, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - BQ20Z95DBT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ20Z95DBT TI1-BQ20Z95DBT Datasheet
603Kb / 21P
SBS 1.1-COMPLIANT GAS GAUGE
BQ20Z95DBTG4 TI1-BQ20Z95DBTG4 Datasheet
603Kb / 21P
SBS 1.1-COMPLIANT GAS GAUGE
BQ20Z95DBTR TI1-BQ20Z95DBTR Datasheet
603Kb / 21P
SBS 1.1-COMPLIANT GAS GAUGE
BQ20Z95DBTRG4 TI1-BQ20Z95DBTRG4 Datasheet
603Kb / 21P
SBS 1.1-COMPLIANT GAS GAUGE
More results

Similar Description - BQ20Z95DBT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ20Z75 TI-BQ20Z75_08 Datasheet
545Kb / 20P
SBS 1.1-COMPLIANT GAS GAUGE AND PROTECTION-ENABLED IC WITH IMPEDANCE TRACK
BQ20Z45 TI-BQ20Z45 Datasheet
488Kb / 20P
SBS 1.1-Compliant Gas Gauge and Protection Enabled With Impedance Track?
BQ20Z45-R1 TI-BQ20Z45-R1 Datasheet
248Kb / 18P
SBS 1.1-Compliant Gas Gauge and Protection Enabled With Impedance Track?
BQ20Z65-R1 TI-BQ20Z65-R1 Datasheet
355Kb / 23P
SBS 1.1-COMPLIANT GAS GAUGE AND PROTECTION ENABLED WITH IMPEDANCE TRACK?
BQ20Z655 TI1-BQ20Z655 Datasheet
323Kb / 23P
SBS 1.1-COMPLIANT GAS GAUGE AND PROTECTION ENABLED WITH IMPEDANCE TRACK
BQ20Z655-R1 TI1-BQ20Z655-R1 Datasheet
644Kb / 25P
SBS 1.1-COMPLIANT GAS GAUGE AND PROTECTION ENABLED WITH IMPEDANCE TRACK?
BQ20Z655-R1 TI-BQ20Z655-R1_13 Datasheet
863Kb / 25P
SBS 1.1-COMPLIANT GAS GAUGE AND PROTECTION ENABLED WITH IMPEDANCE TRACK?
BQ20Z70 TI1-BQ20Z70_15 Datasheet
788Kb / 17P
SBS 1.1-COMPLIANT GAS GAUGE ENABLED WITH IMPEDANCE TRACK?
BQ20Z80 TI1-BQ20Z80_14 Datasheet
1Mb / 25P
SBS 1.1-COMPLIANT GAS GAUGE ENABLED WITH IMPEDANCE TRACK?
BQ20Z45-R1 TI1-BQ20Z45-R1_17 Datasheet
1Mb / 23P
SBS 1.1-Compliant Gas Gauge and Protection Enabled With Impedance Track
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com