Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BQ20Z95DBT Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # BQ20Z95DBT
Description  SBS 1.1-COMPLIANT GAS GAUGE and PROTECTION ENABLED WITH IMPEDANCE TRACK?
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ20Z95DBT Datasheet(HTML) 12 Page - Texas Instruments

Back Button BQ20Z95DBT Datasheet HTML 8Page - Texas Instruments BQ20Z95DBT Datasheet HTML 9Page - Texas Instruments BQ20Z95DBT Datasheet HTML 10Page - Texas Instruments BQ20Z95DBT Datasheet HTML 11Page - Texas Instruments BQ20Z95DBT Datasheet HTML 12Page - Texas Instruments BQ20Z95DBT Datasheet HTML 13Page - Texas Instruments BQ20Z95DBT Datasheet HTML 14Page - Texas Instruments BQ20Z95DBT Datasheet HTML 15Page - Texas Instruments BQ20Z95DBT Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
www.ti.com
Power Modes
CONFIGURATION
Oscillator Function
System Present Operation
BATTERY PARAMETER MEASUREMENTS
Charge and Discharge Counting
Voltage
Current
Auto Calibration
Temperature
bq20z95
SLUS757 – JULY 2007
The bq20z95 supports 3 different power modes to reduce power consumption:
• In Normal Mode, the bq20z95 performs measurements, calculations, protection decisions and data updates in
1 second intervals. Between these intervals, the bq20z95 is in a reduced power stage.
• In Sleep Mode, the bq20z95 performs measurements, calculations, protection decisions and data update in
adjustable time intervals. Between these intervals, the bq20z95 is in a reduced power stage. The bq20z95
has a wake function that enables exit from Sleep mode, when current flow or failure is detected.
• In Shutdown Mode the bq20z95 is completely disabled.
The bq20z95 fully integrates the system oscillators. Therefore the bq20z95 requires no external components for
this feature.
The bq20z95 checks the PRES pin periodically (1s). If PRES input is pulled to ground by external system, the
bq20z95 detects this as system present.
The bq20z95 uses an integrating delta-sigma analog-to-digital converter (ADC) for current measurement, and a
second delta-sigma ADC for individual cell and battery voltage, and temperature measurement.
The integrating delta-sigma ADC measures the charge/discharge flow of the battery by measuring the voltage
drop across a small-value sense resistor between the SR1 and SR2 pins. The integrating ADC measures bipolar
signals from -0.25 V to 0.25 V. The bq20z95 detects charge activity when VSR = V(SRP)-V(SRN)is positive and
discharge activity when VSR = V(SRP) - V(SRN) is negative. The bq20z95 continuously integrates the signal over
time, using an internal counter. The fundamental rate of the counter is 0.65 nVh.
The bq20z95 updates the individual series cell voltages at one second intervals. The internal ADC of the
bq20z95 measures the voltage, scales and calibrates it appropriately. This data is also used to calculate the
impedance of the cell for the Impedance Track™ gas-gauging.
The bq20z95 uses the SRP and SRN inputs to measure and calculate the battery charge and discharge current
using a 5 m
Ω to 20 mΩ typ. sense resistor.
The bq20z95 provides an auto-calibration feature to cancel the voltage offset error across SRN and SRP for
maximum charge measurement accuracy. The bq20z95 performs auto-calibration when the SMBus lines stay
low continuously for a minimum of 5 s.
The bq20z95 has an internal temperature sensor and 2 external temperature sensor inputs TS1 and TS2 used in
conjunction with two identical NTC thermistors (default are Semitec 103AT) to sense the battery environmental
temperature. The bq20z95 can be configured to use internal or up to 2 external temperature sensors.
12
Submit Documentation Feedback
Copyright © 2007, Texas Instruments Incorporated
Product Folder Link(s): bq20z95



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com