Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDFM361AB Datasheet(PDF) 2 Page - Timeguard

Part # PDFM361AB
Description  Single Channel 360° Ceiling PIR Presence/Absence Detector – Flush Mount
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TIMEGUARD [Timeguard]
Direct Link  https://www.timeguard.com/
Logo TIMEGUARD - Timeguard

PDFM361AB Datasheet(HTML) 2 Page - Timeguard

  PDFM361AB Datasheet HTML 1Page - Timeguard PDFM361AB Datasheet HTML 2Page - Timeguard PDFM361AB Datasheet HTML 3Page - Timeguard  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Detection Angle
Hole Cut-Out Size (mm)
Standby Consumption
Number of Channels
Switch rating
ON Time Adjustment
Lux Level
Detection Range (m)
Permanent ON Facility
Dusk Till Dawn
Multiple Unit Support
Cable Entry(s)
Weight (g)
Height (mm)
Width (mm)
Depth (mm)
Body Construction
Product Colour
Accessories (Included)
Accessories (Optional)
EAN Number
Guarantee Period
Trade Tariff Commodity Code
360°
68
<0.5W
1
800VA/600W LED, 2200W Incandescent, 2200W
Halogen, 1200VA/140uF Fluorescent
30 Seconds to 30 Minutes. User Adjustable
10 to 2000
8 Diameter
Yes (IR10AB Remote Required)
No
Up to 8 Units In Parallel
Back Entry
General
156
105
105
67
Polycarbonate
White
Cable Cover
IR10AB (Remote Control)
5012483015582
3 Years
8536508090
Data sheet
PDFM361AB
Light / PIR Presence Detectors
Subject to technical changes and revisions
additional information at:
https://www.timeguard.com
This data was generated on
14/02/2025



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com