Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDFM361AB Datasheet(PDF) 1 Page - Timeguard

Part # PDFM361AB
Description  Single Channel 360° Ceiling PIR Presence/Absence Detector – Flush Mount
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TIMEGUARD [Timeguard]
Direct Link  https://www.timeguard.com/
Logo TIMEGUARD - Timeguard

PDFM361AB Datasheet(HTML) 1 Page - Timeguard

  PDFM361AB Datasheet HTML 1Page - Timeguard PDFM361AB Datasheet HTML 2Page - Timeguard PDFM361AB Datasheet HTML 3Page - Timeguard  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Operating Voltage
Frequency
Installation Type
Earth Class Rating
Operating Temperature
Ingress Protection Rating
Setting Type
Approved Mounting Height (m)
Presence Detection (m)
Motion Detection (m)
PDFM361AB
Single Channel 360° Ceiling
PIR Presence/Absence
Detector – Flush Mount
Features & Benefits
Presence or Absence detection designed for the
automatic control of lighting installations
Optional IR remote control for remote set-up and
adjustment (sold separately)
Option for manual push button operation
Multi sensor parallel wiring capability
Up to 600W LED load for commercial lighting
installation
Discreet flat PIR lens technology
Adjustable time delay and lux settings with
sensitivity control via remote control
Technical Data
230V AC
50Hz
Flush Mount
Class II
-20°C to 40°C
IP20
Dial
2.5 - 4m
4 Diameter
8m Diameter at 2.5m Mounting Height, 10m
Diameter at 4m Mounting Height
Data sheet
PDFM361AB
Light / PIR Presence Detectors
Subject to technical changes and revisions
additional information at:
https://www.timeguard.com
This data was generated on
14/02/2025


Similar Part No. - PDFM361AB

ManufacturerPart #DatasheetDescription
logo
Timeguard
PDFM362AB TIMEGUARD-PDFM362AB Datasheet
422Kb / 3P
2 Channel 360° Ceiling PIR Presence/Absence Detector – Flush Mount
14/02/2025
More results

Similar Description - PDFM361AB

ManufacturerPart #DatasheetDescription
logo
LSI Computer Systems
LS6501LP LSI-LS6501LP Datasheet
76Kb / 8P
PIR MOTION DETECTOR
logo
List of Unclassifed Man...
M2006C ETC-M2006C Datasheet
197Kb / 5P
PIR Motion Detector
logo
Lumins Inc.
W1000 LUMINIS-W1000 Datasheet
86Kb / 2P
Ceiling mount
SR150 LUMINIS-SR150 Datasheet
301Kb / 4P
Ceiling mount
logo
ON Semiconductor
NCS36000DG ONSEMI-NCS36000DG Datasheet
211Kb / 8P
Passive Infrared (PIR) Detector Controller
January, 2013 ??Rev. 1
NCS36000DG ONSEMI-NCS36000DG Datasheet
189Kb / 8P
Passive Infrared (PIR) Detector Controller
January, 2013 ??Rev. 1
NCS36000 ONSEMI-NCS36000_15 Datasheet
147Kb / 8P
Passive Infrared (PIR) Detector Controller
December, 2015 ??Rev. 3
logo
Holtek Semiconductor In...
HT7M2126 HOLTEK-HT7M2126 Datasheet
4Mb / 25P
PIR Detector Miniaturized Module
June 17, 2016
logo
List of Unclassifed Man...
HC-SR501 ETC2-HC-SR501 Datasheet
859Kb / 3P
PIR MOTION DETECTOR
logo
ELMOS Semiconductor AG
E931.06 ELMOS-E931.06 Datasheet
330Kb / 2P
SINGLE CHANNEL PIR SIGNAL PROCESSOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com