Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDFMMINIL Datasheet(PDF) 2 Page - Timeguard

Part # PDFMMINIL
Description  360° Flush Mount Linkable Mini PIR Sensor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TIMEGUARD [Timeguard]
Direct Link  https://www.timeguard.com/
Logo TIMEGUARD - Timeguard

PDFMMINIL Datasheet(HTML) 2 Page - Timeguard

  PDFMMINIL Datasheet HTML 1Page - Timeguard PDFMMINIL Datasheet HTML 2Page - Timeguard PDFMMINIL Datasheet HTML 3Page - Timeguard  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Detection Angle
Hole Cut-Out Size (mm)
Standby Consumption
Number Of Channels
Switch Rating
ON Time Adjustment
LUX Level
Detection Range (m)
Permanent ON Facility
Dusk Till Dawn
Multiple Unit Support
Cable Entry(s)
Weight (g)
Height (mm)
Width (mm)
Depth (mm)
Body Construction
Product Colour
Accessories (Optional)
EAN Number
Guarantee Period
Trade Tariff Commodity Code
360°
40
<0.5W
1
250W LED/CFL/Fluorescent, 2300W Halogen
30 Sec, 2m, 5m, 10m, 15m, 30m. User Adjustable
10 to 2000
8 Diameter
Yes (Pulse Override)
No
Up to 5 PDFMMINILS (Slave PIRs)
Side Entry (Power Box)
General
140
PIR 47, Power Box 35
PIR 47, Power Box 175
PIR 64, Power Box 35
Polycarbonate
White
PDFMINILS (Slave PIR)
5012483014011
3 Years
8536508090
Data sheet
PDFMMINIL
Light / PIR Presence Detectors
Subject to technical changes and revisions
additional information at:
https://www.timeguard.com
This data was generated on
14/02/2025



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com