Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDFMMINIL Datasheet(PDF) 1 Page - Timeguard

Part # PDFMMINIL
Description  360° Flush Mount Linkable Mini PIR Sensor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TIMEGUARD [Timeguard]
Direct Link  https://www.timeguard.com/
Logo TIMEGUARD - Timeguard

PDFMMINIL Datasheet(HTML) 1 Page - Timeguard

  PDFMMINIL Datasheet HTML 1Page - Timeguard PDFMMINIL Datasheet HTML 2Page - Timeguard PDFMMINIL Datasheet HTML 3Page - Timeguard  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Operating Voltage
Frequency
Installation Type
Earth Class Rating
Operating Temperature
Ingress Protection Rating
Setting Type
Approved Mounting Height (m)
Presence Detection (m)
Motion Detection (m)
PDFMMINIL
360° Flush Mount Linkable
Mini PIR Sensor
Features & Benefits
Designed For Corridor and Multi-Zone Use
Mini unobtrusive design
360° Detection
Twist & Lock Design For Easy Access
Up To 5 Slaves Can Be Added To 1 Master. Pre-
Wired RJ11 Plug-in Slave Units For Quick
Installation
LUX Adjustment
Time Adjustment For Slave Units Set Via Master
Only
Termination Box For Ease Of Wiring
Masking Kit Included
LED movement indicator
Technical Data
230V AC
50Hz
Flush Mount
Class II (Power Box), Class III (PIRs)
-20°C to 40°C
IP40
Dial
2.5
3 Diameter
8 Diameter
Data sheet
PDFMMINIL
Light / PIR Presence Detectors
Subject to technical changes and revisions
additional information at:
https://www.timeguard.com
This data was generated on
14/02/2025


Similar Part No. - PDFMMINIL

ManufacturerPart #DatasheetDescription
logo
Timeguard
PDFMMINILS TIMEGUARD-PDFMMINILS Datasheet
384Kb / 2P
360° Flush Mount Linkable Mini PIR Slave Sensor
14/02/2025
More results

Similar Description - PDFMMINIL

ManufacturerPart #DatasheetDescription
logo
LSI Computer Systems
LS6511 LSI-LS6511 Datasheet
46Kb / 4P
PIR SENSOR INTERFACE
logo
List of Unclassifed Man...
KC7783 ETC-KC7783 Datasheet
32Kb / 1P
PIR Sensor Module
KC7786 ETC-KC7786 Datasheet
73Kb / 1P
PIR Sensor Module
C-7288 ETC2-C-7288 Datasheet
356Kb / 1P
SENSOR PIR
logo
LSI Computer Systems
LS6506R LSI-LS6506R Datasheet
240Kb / 12P
PIR SENSOR INTERFACE
LS6505 LSI-LS6505_06 Datasheet
67Kb / 4P
PIR SENSOR INTERFACE
LS6511 LSI-LS6511_06 Datasheet
274Kb / 4P
PIR SENSOR INTERFACE
LS6522 LSI-LS6522 Datasheet
286Kb / 8P
PIR SENSOR INTERFACE
logo
List of Unclassifed Man...
AM312 ETC2-AM312 Datasheet
137Kb / 1P
MINIATURE PIR SENSOR
HC-SR505 ETC1-HC-SR505 Datasheet
229Kb / 3P
Mini PIR Motion Sensor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com