Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDFMMINILS Datasheet(PDF) 2 Page - Timeguard

Part # PDFMMINILS
Description  360° Flush Mount Linkable Mini PIR Slave Sensor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TIMEGUARD [Timeguard]
Direct Link  https://www.timeguard.com/
Logo TIMEGUARD - Timeguard

PDFMMINILS Datasheet(HTML) 2 Page - Timeguard

  PDFMMINILS Datasheet HTML 1Page - Timeguard PDFMMINILS Datasheet HTML 2Page - Timeguard  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Switch Rating
Detection Range (m)
Permanent ON Facility
Dusk Till Dawn
Multiple Unit Support
Cable Entry(s)
Weight (g)
Height (mm)
Width (mm)
Depth (mm)
Body Construction
Product Colour
Accessories (Optional)
EAN Number
Guarantee Period
Trade Tariff Commodity Code
Imitates the settings of the master PIR
(PDFMMINIL)
8 Diameter
Yes (Pulse Override)
No
Up to 5 PDFMMINILS (Slave PIRs)
RJ45 Loop Connection (PIR)
General
104
47
47
64
Polycarbonate
White
PDFMINILS (Slave PIR)
5012483014028
3 Years
8536508090
Line Diagrams
Data sheet
PDFMMINILS
Light / PIR Presence Detectors
Subject to technical changes and revisions
additional information at:
https://www.timeguard.com
This data was generated on
14/02/2025



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com