Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDFMMINILS Datasheet(PDF) 1 Page - Timeguard

Part # PDFMMINILS
Description  360° Flush Mount Linkable Mini PIR Slave Sensor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TIMEGUARD [Timeguard]
Direct Link  https://www.timeguard.com/
Logo TIMEGUARD - Timeguard

PDFMMINILS Datasheet(HTML) 1 Page - Timeguard

  PDFMMINILS Datasheet HTML 1Page - Timeguard PDFMMINILS Datasheet HTML 2Page - Timeguard  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Operating Voltage
Frequency
Installation Type
Earth Class Rating
Operating Temperature
Ingress Protection Rating
Setting Type
Approved Mounting Height (m)
Presence Detection (m)
Motion Detection (m)
Detection Angle
Hole Cut-Out Size (mm)
Standby Consumption
Number Of Channels
PDFMMINILS
360° Flush Mount Linkable
Mini PIR Slave Sensor
Features & Benefits
Designed For Corridor and Multi-Zone Use
Mini unobtrusive design
Up to 5 Plug & Play slave units can be added
Imitates the settings of the master PIR
(PDFMMINIL)
Pre-installed 5 Mtr Lead
Technical Data
230V AC
50Hz
Flush Mount
Class III
-20°C to 40°C
IP40
Dial
2.5
3 Diameter
8 Diameter
360°
40
<0.5W
1
Data sheet
PDFMMINILS
Light / PIR Presence Detectors
Subject to technical changes and revisions
additional information at:
https://www.timeguard.com
This data was generated on
14/02/2025


Similar Part No. - PDFMMINILS

ManufacturerPart #DatasheetDescription
logo
Timeguard
PDFMMINIL TIMEGUARD-PDFMMINIL Datasheet
420Kb / 3P
360° Flush Mount Linkable Mini PIR Sensor
14/02/2025
More results

Similar Description - PDFMMINILS

ManufacturerPart #DatasheetDescription
logo
LSI Computer Systems
LS6511 LSI-LS6511 Datasheet
46Kb / 4P
PIR SENSOR INTERFACE
logo
List of Unclassifed Man...
KC7783 ETC-KC7783 Datasheet
32Kb / 1P
PIR Sensor Module
KC7786 ETC-KC7786 Datasheet
73Kb / 1P
PIR Sensor Module
C-7288 ETC2-C-7288 Datasheet
356Kb / 1P
SENSOR PIR
logo
LSI Computer Systems
LS6506R LSI-LS6506R Datasheet
240Kb / 12P
PIR SENSOR INTERFACE
LS6505 LSI-LS6505_06 Datasheet
67Kb / 4P
PIR SENSOR INTERFACE
LS6511 LSI-LS6511_06 Datasheet
274Kb / 4P
PIR SENSOR INTERFACE
LS6522 LSI-LS6522 Datasheet
286Kb / 8P
PIR SENSOR INTERFACE
logo
List of Unclassifed Man...
AM312 ETC2-AM312 Datasheet
137Kb / 1P
MINIATURE PIR SENSOR
HC-SR505 ETC1-HC-SR505 Datasheet
229Kb / 3P
Mini PIR Motion Sensor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com