Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VC500-CMS-MXM Datasheet(PDF) 4 Page - DFI Inc

Part # VC500-CMS-MXM
Description  10th Gen Intel® Processors In-vehicle Edge AI System
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFI [DFI Inc]
Direct Link  https://www.dfi.com/
Logo DFI - DFI Inc

VC500-CMS-MXM Datasheet(HTML) 4 Page - DFI Inc

  VC500-CMS-MXM Datasheet HTML 1Page - DFI Inc VC500-CMS-MXM Datasheet HTML 2Page - DFI Inc VC500-CMS-MXM Datasheet HTML 3Page - DFI Inc VC500-CMS-MXM Datasheet HTML 4Page - DFI Inc VC500-CMS-MXM Datasheet HTML 5Page - DFI Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
www.dfi.com
SPECIFICATION
SYSTEM
Processor
10th Gen Intel® Xeon/Core™/Pentium/Celeron Processors, LGA 1200 Socket
- Intel® Xeon-1270TE (8 Cores, 16M Cache, up to 2.0/4.4 GHz); 35W
- Intel® Core™ i9-10900TE (10 Cores, 20M Cache, up to 1.8/4.5 GHz); 35W
- Intel® Core™ i7-10700TE (8 Cores, 16M Cache, up to 2.0/4.4 GHz); 35W
- Intel® Core™ i5-10500TE (6 Cores, 12M Cache, up to 2.3/3.7 GHz); 35W
- Intel® Core™ i3-10100TE (4 Cores, 6M Cache, to 2.3/3.6 GHz); 35W
Chipset
Intel® Q470E/ W480E
Memory
Dual SO-DIMM slots (horizontal type) with anti-vibration bracket
Dual Channel DDR4 2933/2666/2400/2133 SDRAM, up to 64GB
ECC support for Xeon-1270TE processor only
BIOS
AMI SPI 256Mbit
GRAPHICS
Controller
Intel® processor integrated or Independent MXM module by BIOS selection
Compatible MXM
Type A or B MXM modules: RTX A2000, RTX3000, A500, A1000
Display
4 x Display Ports with lock holes from MXM
1 x HDMI combo port and 2 x DP++ ports from CPU
STORAGE
External
2 x swappable 2.5" SATA drive bays with lock on rear panel
Supports RAID 0/1
Internal
1 x M.2 2280 M Key slot, supports 2242, 2260 & 2280 devices
PCIe x4 & SATA signal, support boot up function
Interface
SATA
AUDIO
Audio Codec
ALC 888
Interface
1 x Mic-in and 1 x Line-in
ETHERNET
Controller
1 x Intel® i219LM with iAMT11.0 support (Core i7/i5 only)
1 x Intel® i210IT
LED
Indicators
1 x Storage Activity (Red)
1 x Power (Green)
2 x Programmable general purpose (Green, Blue)
FRONT I/O
Ethernet
2 x RJ45 GbE ports
PoE / 10G
4 x 802.11af PoE ports at RJ45 or M12 X-coded connectors, max 15.4W (PSE side) or
2 x 10G fiber ports at SFP+ cage based on Intel X710-BM2 Ethernet controller
Serial
1 x DB-9 RS232 ports (COM 5)
USB
4 x USB 3.1 Gen2
DIO
2 x Isolated DIO port by 2 x DB-15 female connectors
Supports 8bit DI & 8 bit DO with 2KV isolation
Audio
1 x Line-out, 1 x Mic-in and 1x Line-in with 3.5mm audio jacks
Antenna
2 x antenna holes
DC in
W3 3 pin connector
OOB
Optional RJ45 port for OOB management
REAR I/O
Serial
4 x DB-9 RS232/422/485 ports by BIOS selection (COM 1/2/3/4)
USB
4 x USB 3.1 Gen2
Display
4 x Display Ports with lock holes from MXM
1 x DP++/HDMI combo port and 2 x DP++ ports from CPU
Antenna
2 x antenna holes
SIM slot
3 x accessible SIM slots with cover bracket
CAN bus
2 x DB-9 ports for CAN bus (optional)
Switch
2-pin remote switch
Button
1 x Power Button
1 x Reset Button
SIDE I/O
Antenna
2 x antenna holes on right side
2 x antenna holes on left side
INTERNAL I/O
Serial
1 x 2x5 pin block header for RS232
Mini PCIe slot
1 x mini PCIe slot with SIM holer on faceplate
Supports WiFi/BT/LTE or CAN bus module
M.2 Slot
Total 3 x M.2 slots
1 x 2230 E-key slot (PCIe x1 & USB2.0)
1 x 3042/3052 B-Key (USB3.0 & PCIex1) with dual SIM slots on faceplate
1 x 2242/2280 M-Key-slot (PCIe gen3 x4 & SATA) supporting Intel® Optane memory (Both
of the M10 and H10) and NVMe
COOLING
FAN
Passive cooling by default
Optional Fan cooling upon request
HARDWARE
MONITOR
Gravity Sensor
Support 3-axis femto accelerometer
User-selectable ±2g/±4g/±8g/±16g scale
Supports 6D/4D orientation detection, Free-fall detection, Motion detection and leep-to-
wake and return-to-sleep
SECURITY
TPM
Supports dTPM2.0 by default (disabled by BIOS setting)
Optional fTPM2.0 supported
POWER
Type
3pin 3W3 connector
Supply
Wide Range 9~50VDC with power management (on/off delay) and ignition
OS SUPPORT
Microsoft
Windows 11 IoT Enterprise LTSC SW
Windows 10 IoT Enterprise RS5
Linux
Ubuntu Linux 20.04



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com