Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VC500-CMS-MXM Datasheet(PDF) 1 Page - DFI Inc

Part # VC500-CMS-MXM
Description  10th Gen Intel® Processors In-vehicle Edge AI System
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFI [DFI Inc]
Direct Link  https://www.dfi.com/
Logo DFI - DFI Inc

VC500-CMS-MXM Datasheet(HTML) 1 Page - DFI Inc

  VC500-CMS-MXM Datasheet HTML 1Page - DFI Inc VC500-CMS-MXM Datasheet HTML 2Page - DFI Inc VC500-CMS-MXM Datasheet HTML 3Page - DFI Inc VC500-CMS-MXM Datasheet HTML 4Page - DFI Inc VC500-CMS-MXM Datasheet HTML 5Page - DFI Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
10th Gen Intel® Processors
In-vehicle Edge AI System
VC500-CMS-MXM
KEY FEATURES
802.11af PoE Ports
4 x RJ45 or M12 X-coded type PoE ports
at 15.4W
PANEL
High Performance CPU
10th Gen Intel® Xeon/Core™/Pentium/Celeron
Processors
DC-in
DC-in
PoE
PoE
USB 3.1
Gen 2
USB 3.1
Gen 2
LAN 1/2
LAN 1/2
COM 5
COM 5
DIO
DIO
Line-in/
Mic-in
Line-in/
Mic-in
Display
Ports
Display
Ports
AI Accelerated
Support MXM GPU module
Multiple Expansion
1 miniPCIe and 4 M.2 slots
Front View
(4PoE)
Front View
(4PoEM12)
Dual SIM for single modem
Two SIM cards for 5G/LTE module


Similar Part No. - VC500-CMS-MXM

ManufacturerPart #DatasheetDescription
logo
DFI Inc
VC500-CMS-10G-Q DFI-VC500-CMS-10G-Q Datasheet
1Mb / 6P
10th Gen Intel® Processors In-vehicle System
VC500-CMS-10G-W-X127 DFI-VC500-CMS-10G-W-X127 Datasheet
1Mb / 6P
10th Gen Intel® Processors In-vehicle System
VC500-CMS-H DFI-VC500-CMS-H Datasheet
1Mb / 6P
10th Gen Intel® Processors In-vehicle System
VC500-CMS-POE-Q DFI-VC500-CMS-POE-Q Datasheet
1Mb / 6P
10th Gen Intel® Processors In-vehicle System
VC500-CMS-POEM12-Q DFI-VC500-CMS-POEM12-Q Datasheet
1Mb / 6P
10th Gen Intel® Processors In-vehicle System
More results

Similar Description - VC500-CMS-MXM

ManufacturerPart #DatasheetDescription
logo
DFI Inc
VC300-CS DFI-VC300-CS Datasheet
1Mb / 4P
AI-Enabled In-Vehicle Embedded System
logo
Advantech Co., Ltd.
AIMB-277 ADVANTECH-AIMB-277 Datasheet
5Mb / 6P
Intel® 10th Gen Core™ processor,LGA1200 Mini-ITX motherboard
20-Apr-2022
AIR-200 ADVANTECH-AIR-200 Datasheet
1Mb / 2P
Edge AI Inference Rugged System with 6th Gen Intel® Core i5-6442EQ QC and Two Intel MA2485 VPUs
16-Dec-2020
TS-207 ADVANTECH-TS-207 Datasheet
879Kb / 2P
In-Vehicle Fanless Box PC w/ IP65 & PoE LAN Powered by 11th Gen. Intel® Core™ Processors
2-Sep-2022
MIC-770-V2 ADVANTECH-MIC-770-V2 Datasheet
1Mb / 3P
Compact Fanless System with 10th Gen Intel® Xeon®/Core™ i CPU Socket (LGA 1200)
19-Jul-2022
IPC-220 ADVANTECH-IPC-220_V01 Datasheet
926Kb / 2P
Compact Industrial Computer System with 10th Gen Intel® Core™ i CPU Socket (LGA 1200)
29-Sep-2022
ITA-460G ADVANTECH-ITA-460G Datasheet
569Kb / 2P
Water-resistant Fanless In-vehicle AI Computer with Intel® 8th/9th Gen Core™ i CPU
8-Apr-2022
HPC-6120 ADVANTECH-HPC-6120_V01 Datasheet
1Mb / 2P
1U 18" short-depth Edge Accelerator Server with Intel® Xeon® W & 10th Gen. Core™ processors, supporting 4 expansion slots
5-Sep-2022
SKY-7232D3E ADVANTECH-SKY-7232D3E Datasheet
469Kb / 2P
2U HCI Server with 3rd Gen. Intel® Xeon® Scalable Processors
3-Mar-2023
SKY-7632D ADVANTECH-SKY-7632D Datasheet
813Kb / 2P
2U Edge Sever with 3rd Gen. Intel® Xeon® Scalable Processors
5-Jul-2022
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com