Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VC500-CMS Datasheet(PDF) 6 Page - DFI Inc

Part # VC500-CMS
Description  10th Gen Intel® Processors In-vehicle System
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFI [DFI Inc]
Direct Link  https://www.dfi.com/
Logo DFI - DFI Inc

VC500-CMS Datasheet(HTML) 6 Page - DFI Inc

  VC500-CMS Datasheet HTML 1Page - DFI Inc VC500-CMS Datasheet HTML 2Page - DFI Inc VC500-CMS Datasheet HTML 3Page - DFI Inc VC500-CMS Datasheet HTML 4Page - DFI Inc VC500-CMS Datasheet HTML 5Page - DFI Inc VC500-CMS Datasheet HTML 6Page - DFI Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
www.dfi.com
DFI reserves the right to change the specifications at any time prior to the product's release. Changes thereafter will be based on the product's revision. Please contact your
sales representative for the exact revision offered in your area. All product names mentioned are trademarks of their respective companies. © January 23, 2025 DFI Inc.
1 VC500-CMS system unit
1 Power connector
1 Mounting bracket
1 3W3 adaptor cable
Optional Items
Part Number
Description
2.5" SSD
785-S251TBG
2.5" SATA SSD, 1TB MLC, -40 to 85°C, RoHS
785-S25512G
2.5" SATA SSD, 512GB MLC, -40 to 85°C, RoHS
785-S25256G
2.5" SATA SSD, 256GB MLC, -40 to 85°C, RoHS
785-S25128G
2.5" SATA SSD, 128GB MLC, -40 to 85°C, RoHS
M.2 SATA SSD
785-M2SATA64G
64GB, M.2 2280 SSD, SATA3 B+M Key, MLC, Wide Temp.
785-M2SATA128G
128GB, M.2 2280 SSD, SATA3 B+M Key, MLC, Wide Temp.
785-M2SATA256G
256GB, M.2 2280 SSD, SATA3 B+M Key, MLC, Wide Temp.
785-M2SATA512G
512GB, M.2 2280 SSD, SATA3 B+M Key, 3D TLC, PE: 3K, 30u” -20~75°C
Memory
138-540002-121G
4GB DDR4 2666Mhz SO-DIMM, -40 to 85°C
138-580004-104G
8GB DDR4 2666Mhz SO-DIMM 1Rx8 IND 1Gx8 CL19 1.2V
WiFi/BT module kit
761-AP1235-000G
WiFi/Bluetooth Module AP12356, antenna *2, 200mm SMA cables*2, Mini PCIe Bracket,
screws
LTE module kit
761-RC3000-001G
Quectel EG25GGB CAT4 miniPCIe module, antenna*2, 300mm SMA cables*2
5G module kit
761-RC3000-100G
SIM8202G-M2 M.2 module, antenna*4, 184mm SMA cables *4
M12 Cable
A81-005038-054G
8-pin M12 X-coded to RJ45 PoE cable
CAN bus module
770-MPEC21-100G
MPE-CAN2 MiniPCIe Full CAN Module Card Asssembly
Power Switch Cable
A81-004363-054G
3W3 to terminal block 2*4P/4.2mm, L=250 & 300mm with ignition switch button
A81-006065-016G
Terminal Block 1*3P/5.0mm to DC Jack, L=100mm with ignition switch button
Power Adapter
671-133001-000G
330W, GST360A, Input: 85~264V, Output: 12V/27.5A, 220x95x46mm, L=1000mm, C8P, LV6,
62368-1, GST360A12-C8P(MEAN WELL)RoHS
671-116005-000G
160W, GST160A24, Input:100~240V, Output:24V/6.67A, 175x72x35mm, L=1200mm, DC PLUG
5.5*2.5*7.5mm(Lockable), LV6, 62368-1, GST160A24-DFIA(MEAN WELL)RoHS
OPTIONAL ITEMS
PACKING LIST



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com