Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VC500-CMS Datasheet(PDF) 1 Page - DFI Inc

Part # VC500-CMS
Description  10th Gen Intel® Processors In-vehicle System
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFI [DFI Inc]
Direct Link  https://www.dfi.com/
Logo DFI - DFI Inc

VC500-CMS Datasheet(HTML) 1 Page - DFI Inc

  VC500-CMS Datasheet HTML 1Page - DFI Inc VC500-CMS Datasheet HTML 2Page - DFI Inc VC500-CMS Datasheet HTML 3Page - DFI Inc VC500-CMS Datasheet HTML 4Page - DFI Inc VC500-CMS Datasheet HTML 5Page - DFI Inc VC500-CMS Datasheet HTML 6Page - DFI Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
10th Gen Intel® Processors
In-vehicle System
VC500-CMS-Q470E
VC500-CMS-W480E
VC500-CMS-H420E
KEY FEATURES
Wide Range Power Input
9~50Vdc power input with power ignition
management
PoE or 10G Fiber ports
4 x PoE ports at 15.4W or
2 x 10G SFP+ ports
Dual SIM for single modem
Two SIM cards for 5G/LTE module
PANEL
High Performance CPU
10th Gen Intel® Xeon/Core™/Pentium/Celeron
Processors
Multiple Expansions
1 miniPCIe and 4 M.2 slots
DC-in
DC-in
DIO
DIO
PoE
USB 3.1 Gen 2
USB 3.1 Gen 2
LAN 1/2
LAN 1/2
COM 5
COM 5
Antenna
Antenna
Antenna
Antenna
Line-out/
Line-in/
Mic-in
Line-out/
Line-in/
Mic-in
Front View
(w/o PoE)
Front View
(4PoE)


Similar Part No. - VC500-CMS

ManufacturerPart #DatasheetDescription
logo
DFI Inc
VC500-CMS-A1000-POE-Q-I70 DFI-VC500-CMS-A1000-POE-Q-I70 Datasheet
912Kb / 5P
10th Gen Intel® Processors In-vehicle Edge AI System
VC500-CMS-MXM DFI-VC500-CMS-MXM Datasheet
912Kb / 5P
10th Gen Intel® Processors In-vehicle Edge AI System
VC500-CMS-MXM-10G-Q DFI-VC500-CMS-MXM-10G-Q Datasheet
912Kb / 5P
10th Gen Intel® Processors In-vehicle Edge AI System
VC500-CMS-MXM-POE-Q DFI-VC500-CMS-MXM-POE-Q Datasheet
912Kb / 5P
10th Gen Intel® Processors In-vehicle Edge AI System
More results

Similar Description - VC500-CMS

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
AIMB-277 ADVANTECH-AIMB-277 Datasheet
5Mb / 6P
Intel® 10th Gen Core™ processor,LGA1200 Mini-ITX motherboard
20-Apr-2022
ARK-3532B ADVANTECH-ARK-3532B Datasheet
1Mb / 3P
Intel® 10th Gen Xeon® W / Core™ i LGA1200 Expansion Fanless Box PC
15-Nov-2021
ARK-3532C ADVANTECH-ARK-3532C Datasheet
1Mb / 3P
Intel® 10th Gen Xeon® W / Core™ i LGA1200 Expansion Fanless Box PC
15-Nov-2021
ARK-3532D ADVANTECH-ARK-3532D Datasheet
1Mb / 3P
Intel® 10th Gen Xeon® W / Core™ i LGA1200 Expansion Fanless Box PC
15-Nov-2021
TS-207 ADVANTECH-TS-207 Datasheet
879Kb / 2P
In-Vehicle Fanless Box PC w/ IP65 & PoE LAN Powered by 11th Gen. Intel® Core™ Processors
2-Sep-2022
MIC-770-V2 ADVANTECH-MIC-770-V2 Datasheet
1Mb / 3P
Compact Fanless System with 10th Gen Intel® Xeon®/Core™ i CPU Socket (LGA 1200)
19-Jul-2022
IPC-220 ADVANTECH-IPC-220_V01 Datasheet
926Kb / 2P
Compact Industrial Computer System with 10th Gen Intel® Core™ i CPU Socket (LGA 1200)
29-Sep-2022
SKY-7232D3E ADVANTECH-SKY-7232D3E Datasheet
469Kb / 2P
2U HCI Server with 3rd Gen. Intel® Xeon® Scalable Processors
3-Mar-2023
SKY-7632D ADVANTECH-SKY-7632D Datasheet
813Kb / 2P
2U Edge Sever with 3rd Gen. Intel® Xeon® Scalable Processors
5-Jul-2022
logo
BCM Advanced Research.
BC370Q BCM-BC370Q Datasheet
689Kb / 1P
Intel® Q370 ATX Motherboard supports 8th/9th Gen Intel® Core™/Pentium®/Celeron® Processors
05/12/2022
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com