Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VC700-ASL Datasheet(PDF) 3 Page - DFI Inc

Part # VC700-ASL
Description  Intel Atom® Processor Amston Lake Series In-Vehicle Box PC
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFI [DFI Inc]
Direct Link  https://www.dfi.com/
Logo DFI - DFI Inc

VC700-ASL Datasheet(HTML) 3 Page - DFI Inc

  VC700-ASL Datasheet HTML 1Page - DFI Inc VC700-ASL Datasheet HTML 2Page - DFI Inc VC700-ASL Datasheet HTML 3Page - DFI Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
www.dfi.com
DFI reserves the right to change the specifications at any time prior to the product's release. Changes thereafter will be based on the product's revision. Please contact your
sales representative for the exact revision offered in your area. All product names mentioned are trademarks of their respective companies. © November 30, 2024 DFI Inc.
SPECIFICATION
SYSTEM
Processor
Intel® Atom x7000E processors (Code Name : Amston Lake)
Intel® Atom Processor x7835RE, 8 Cores, 1.3~3.6GHz, 12W
Intel® Atom Processor x7433RE, 4 Cores, 1.5~3.4GHz, 9W
Intel® Atom Processor x7211RE, 2 Cores, 1.0~3.2GHz, 6W
Memory
4GB/8GB LPDDR5 5200 Memory down
BIOS
AMI SPI 64Mbit
GRAPHICS
Controller
Intel® HD Graphics
Feature
Execution Units: Up to 32 Eus
3D API: Open GL 4.6, DirectX12, Vulkan 1.2 (Windows) /
Mesa 3D, OpenGL 4.6, Vulkan 1.2 (Linux)
Precision: FP32, FP16, INT8
Compute: OpenCL 3.0
Display
1 x HDMI 1.4b (resolution up to 4096x2160 @ 24Hz)
1 x VGA (resolution up to 1920x1200 @ 60Hz)
STORAGE
Internal
eMMC 64GB (Removeable)
External
2 x swappable 2.5" SATA drive bays (option)
LED
Indicators
1 x Power LED
1 x Storage LED
2 x Programmable LED (Green, Blue)
EXPANSION
Interface
1 x M.2 2230 A+E key (USB 2.0/PCIe)
1 x M.2 3042/3052 B key (USB 3.0/PCIe) with SIM
1 x M.2 2242/2280 B+M key (PCIe/SATA)
2 x Mini-PCIe (1 Half; 1 Full) (USB 2.0)
ETHERNET
Controller
2 x Intel Ethernet controller i210 GbE
Interface
2 x RJ45 GbE ports
GNSS
GNSS
Support GPS, QZSS, Gallileo, GLONASS, BeiDou by u-blox NEO-M9N
Dead reckoning support upon request
SENSOR
Sensor
9 axis IMU (3 Accelerometer + 3 Gyroscope + 3 Magnetometer)
FRONT I/O
Display
1 x HDMI
Ethernet
2 x GbE (M12 X-code)
1 share with OOB
USB
4 x USB 3.2 type A
Button
1 x Reset button
Antenna
3 x Fakra antenna holes
REAR I/O
Display
1 x VGA
Serial
2 x RS-232/422/485 (DB9-M)
CAN
2 x CAN 2.0B (DB9-M)
Support J1939
DIO
Isolated 8 bits DIO with 2.5KV isolation (DB15-M)
Input voltage: 0 to 30VDC
Output current: 50mA pre pin and Max. 200mA total
On-state voltage: 12VDC nominal, open collector to 30VDC.
Audio
Stereo speaker with Amplifier to drive 10W speaker (4 pin Terminal)
1 x 3.5mm Line out/Mic In
FLANK I/O
Antenna
2 x Fakra antenna holes
2 x Fakra antenna holes
WATCHDOG TIMER
Output & Interval
System reset, programmable via software from 1 to 255 seconds
POWER
Type
Wide range 9~36V with ignition control
Connector
3-pole terminal block
SECURITY
TPM
TPM 2.0 (NUVOTON)
OS SUPPORT
Microsoft
Windows 10/11
Linux
Linux Ubuntu 22.04
MECHANISM
Construction
Aluminum + SPGC Metal
Color
Black
Mounting
Wall mount
Dimensions (W x H x D)
182.4mm x 56.5mm x 118.4mm (W x H x D)
182.4mm x 87.5mm x 118.4mm (W x H x D) (2.5" SATA drive bays)
Weight
TBD
ENVIRONMENT
Temperature
Operating: -40 to 70°C
Storage: -40 to 85°C
STANDARDS AND
CERTIFICATIONS
Shock
Operating/non-operating: MIL-STD-810G Method 516.6, Procedure 1
Vibration
Operating/non-operating: MIL-STD-810G Method 514.6, Category 4
Certifciation
CE, FCC, E-Mark (E24), ITxPT, RoHS, UKCA (To be updated)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com