Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VC700-ASL Datasheet(PDF) 1 Page - DFI Inc

Part # VC700-ASL
Description  Intel Atom® Processor Amston Lake Series In-Vehicle Box PC
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFI [DFI Inc]
Direct Link  https://www.dfi.com/
Logo DFI - DFI Inc

VC700-ASL Datasheet(HTML) 1 Page - DFI Inc

  VC700-ASL Datasheet HTML 1Page - DFI Inc VC700-ASL Datasheet HTML 2Page - DFI Inc VC700-ASL Datasheet HTML 3Page - DFI Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Intel Atom® Processor Amston Lake Series
In-Vehicle Box PC
VC700-ASL
KEY FEATURES
Intel ATOM X7000
Wide Temperature Series
Support WIN 11 and Linux
Rich I/O Connectivity
2 M12 GbE, 2 COM, 2 CAN Bus, 8bit DIO,
4 USB 3.2
9-asix IMU Sensor
3 Accelerometer + 3 Gyroscope +
3 Magnetometer
Wide-Temperature
-40°C~70°C operation without active fan
Wide-Voltage
9~36V vehicle power input with ACC/IGN
function
Front View
Rear View
PANEL


Similar Part No. - VC700-ASL

ManufacturerPart #DatasheetDescription
logo
Raltron Electronics Cor...
VC7000 RALTRON-VC7000 Datasheet
49Kb / 2P
Voltage Controlled Crystal Oscillator
More results

Similar Description - VC700-ASL

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
TREK-550 ADVANTECH-TREK-550 Datasheet
1Mb / 2P
Intel짰 Atom??In-Vehicle Computing Box
logo
AAEON Technology
AEV-6312 AAEON-AEV-6312 Datasheet
292Kb / 2P
In-Vehicle Embedded Controller With Intel Atom D510 Processor
logo
List of Unclassifed Man...
LEC-3013-I10 ETC2-LEC-3013-I10 Datasheet
207Kb / 2P
DIN rail Box PC with Intel Atom D525 Processor
logo
DFI Inc
VC230-AL DFI-VC230-AL Datasheet
1Mb / 4P
In-Vehicle Box PC
VC230-BT DFI-VC230-BT Datasheet
1Mb / 4P
In-Vehicle Box PC
logo
Advantech Co., Ltd.
ARK-2232L ADVANTECH-ARK-2232L Datasheet
1Mb / 4P
Intel® Atom® E3940 SoC Modular Fanless Box PC
15-Dec-2020
MIO-2363 ADVANTECH-MIO-2363 Datasheet
5Mb / 6P
Intel® Atom® x6000 Series Processor (Code Name: Elkhart Lake) Pico-ITX SBC
7-Sep-2022
TPC-315-EHL ADVANTECH-TPC-315-EHL Datasheet
544Kb / 2P
15" XGA Elkhart Lake Thin-Client Terminal with Intel® Atom™/ Celeron® Processor
10-Sep-2021
ARS-2110 ADVANTECH-ARS-2110 Datasheet
1Mb / 2P
EN50155 Intel® Atom™ E3845 Fanless Box PC
12-Jul-2022
logo
AAEON Technology
BOXER-6313U AAEON-BOXER-6313U Datasheet
412Kb / 2P
In-Vehicle Box PC with Intel® Atom™ E3845, 1.91 GHz Processor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com