Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VC70B-MTH Datasheet(PDF) 3 Page - DFI Inc

Part # VC70B-MTH
Description  Intel® CoreTM Ultra Processor In-vehicle System
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFI [DFI Inc]
Direct Link  https://www.dfi.com/
Logo DFI - DFI Inc

VC70B-MTH Datasheet(HTML) 3 Page - DFI Inc

  VC70B-MTH Datasheet HTML 1Page - DFI Inc VC70B-MTH Datasheet HTML 2Page - DFI Inc VC70B-MTH Datasheet HTML 3Page - DFI Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
www.dfi.com
DFI reserves the right to change the specifications at any time prior to the product's release. Changes thereafter will be based on the product's revision. Please contact your
sales representative for the exact revision offered in your area. All product names mentioned are trademarks of their respective companies. © November 28, 2024 DFI Inc.
SPECIFICATION
SYSTEM
Processor
Intel® Core™ Ultra 7/5 Processors, TDP up to 28W
Intel® Core™ Ultra 7 165H, 16C, 24M Cache, 1.4GHz (5.0GHz)
Intel® Core™ Ultra 5 135H, 14C, 18M Cache, 1.7GHz (4.6GHz)
Intel® Core™ Ultra 7 155U, 12C, 12M Cache, 1.7GHz (4.8GHz)
Intel® Core™ Ultra 5 125U, 12C, 12M Cache, 1.3GHz (4.3GHz)
Memory
Dual Channel LPDDR5/x 6400MHz memory down Up to 32GB (64GB per request)
BIOS
AMI SPI 256Mbit
GRAPHICS
Controller
Intel® Arc™ Graphics
Feature
OpenGL 4.6, Direct X 12.2, OpenCL 3.0
HW Decode: HEVC, VP9, AV1, AVC
HW Encode: HEVC, VP9,AV1, AVC
Display
1 x HDMI 1.4b
1 x DP(from eDP)
1 x USB-C DP Alt. mode
HDMI: resolution up to 4096x2160@24Hz
USB-C DP: resolution up to 4096x2304@60Hz
Triple Displays
HDMI + DP + USB-C DP Alt. mode
EXPANSION
Interface
1 x M.2 M key 2280 (PCIe Gen4 x4)
1 x M.2 B key 3052 (USB 3.0/2.0, PCIe x1, SATA), 1 x SIM slot for 4G/5G
1 x M.2 E key 2230 (USB 2.0/PCIe x1)
AUDIO
Audio Codec
Realtek ALC888S
ETHERNET
Controller
2 x Intel® I226V (10/100/1000/2500Mbps)
LED
Indicators
1 x Power LED
1 x HDD LED
FRONT I/O
Ethernet
1 x GbE (RJ-45), Intel® i210AT (10/100/1000Mbps) (support OOB)
Serial
COM 1: RS-232/422/485
COM 2/3: RS-232
COM 4: RS-232/422/485 or 8-bit DIO by jumper setting
Display
1 x DP(from eDP)
REAR I/O
Ethernet
2 x GbE @ RJ45 connectors
USB
5 x USB 3.2
1 x USB Type C
2 x USB 2.0 type A
Display
1 x HDMI
1 x USB-C DP Alt. Mode
Buttons
1 x Power Button
WATCHDOG TIMER
Output & Interval
System Reset, Programmable via Software from 1 to 255 Seconds
SECURITY
TPM
TPM 2.0
POWER
Type
9~36V DC
Connector
3-pin terminal block (VCC/ACC/GND)
Power
Management
1. Ignition On/Off control
2. System On delay time
3. OS Protection Time
4. System Off delay time
5. Car Battery Voltage Monitoring
6. Battery Low Voltage Protect
RTC Battery
CR2032 Coin Cell (Cable type)
OS SUPPORT
Microsoft
Windows 11 & 10 IoT Enterprise 64-bit
Linux
Linux
ENVIRONMENT
Temperature
Operating: -20 to 70°C fanless (15W CPU only)
Storage: -40 to 85°C
Humidity
Operating: 5 to 95% RH
Storage: 5 to 95% RH
MTBF
TBD
MECHANISM
Mounting
Wall mount
Dimensions
181.6mm (W) x 73mm (H) x 118.4mm (D)
Weight
< 3KG
STANDARDS AND
CERTIFICATIONS
Shock
Operating/non-operating: MIL-STD-810G Method 516.6, Procedure 1
Vibration
Operating/non-operating: MIL-STD-810G Method 514.6, Category 4
Certification
CE, FCC Class B, eMark, RoHS



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com