Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VC70B-MTH Datasheet(PDF) 1 Page - DFI Inc

Part # VC70B-MTH
Description  Intel® CoreTM Ultra Processor In-vehicle System
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFI [DFI Inc]
Direct Link  https://www.dfi.com/
Logo DFI - DFI Inc

VC70B-MTH Datasheet(HTML) 1 Page - DFI Inc

  VC70B-MTH Datasheet HTML 1Page - DFI Inc VC70B-MTH Datasheet HTML 2Page - DFI Inc VC70B-MTH Datasheet HTML 3Page - DFI Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Intel® CoreTM Ultra Processor
In-vehicle System
VC70B-MTH
KEY FEATURES
Triple Displays
1 HDMI, 1 DP, 1 USB-C DP Alt. mode
Remote Management
Supports Out of band control
High Performance Compact
in-vehicle system
Core Ultra processor with LPDDR5-6400
soldered memory
Rich I/O
2 2.5GbE, 1 GbE, 5 USB 3.2, 1 USB-C, 4 COM
Multiple Expansion
1 M.2 M Key, 1 M.2 B Key, 1 M.2 E Key
OOB


Similar Part No. - VC70B-MTH

ManufacturerPart #DatasheetDescription
logo
DFI Inc
VC70B-KU DFI-VC70B-KU Datasheet
1Mb / 4P
Fanless In-Vehicle System
VC70B-KU6862-714 DFI-VC70B-KU6862-714 Datasheet
1Mb / 4P
Fanless In-Vehicle System
VC70B-KU6862-738 DFI-VC70B-KU6862-738 Datasheet
1Mb / 4P
Fanless In-Vehicle System
VC70B-KU6862-768 DFI-VC70B-KU6862-768 Datasheet
1Mb / 4P
Fanless In-Vehicle System
More results

Similar Description - VC70B-MTH

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
AEV-6312 AAEON-AEV-6312 Datasheet
292Kb / 2P
In-Vehicle Embedded Controller With Intel Atom D510 Processor
logo
List of Unclassifed Man...
LVC-5570D4-CA ETC2-LVC-5570D4-CA Datasheet
232Kb / 2P
Fanless In-Vehicle Computer with Intel Celeron 1020E Processor
logo
AAEON Technology
VPC-5600S AAEON-VPC-5600S Datasheet
185Kb / 1P
Fanless In-Vehicle Network Video Recorder with Intel Processor
logo
Axiomtek Co., Ltd.
TBOX100-838-FL AXIOMTEK-TBOX100-838-FL Datasheet
574Kb / 2P
Fanless Embedded System with Intel Atom Processor E3845 for Vehicle
logo
DFI Inc
KH960-CM238 DFI-KH960-CM238 Datasheet
890Kb / 2P
Intel Xeon/7th Gen Intel CoreTM Processor COM Express Basic
SU256-SCM DFI-SU256-SCM Datasheet
768Kb / 2P
6th Gen Intel® CoreTM 4"
July 27, 2020
WL9A3 DFI-WL9A3 Datasheet
728Kb / 2P
8th Gen Intel CoreTM Processor COM Express Mini
WM343-SD330 DFI-WM343-SD330 Datasheet
648Kb / 2P
6th Gen Intel CoreTM Processor Desktop Box PC
logo
AAEON Technology
BOXER-6313U AAEON-BOXER-6313U Datasheet
412Kb / 2P
In-Vehicle Box PC with Intel® Atom™ E3845, 1.91 GHz Processor
logo
BCM Advanced Research.
EPC-APL BCM-EPC-APL Datasheet
394Kb / 1P
Intel® Pentium® N4200/ Celeron® N3350 Processor Fanless Tiny System
07/25/2018
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com