Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM130 Datasheet(PDF) 2 Page - DFI Inc

Part # WM130
Description  Wall-Mount Chassis for Mini-ITX
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFI [DFI Inc]
Direct Link  https://www.dfi.com/
Logo DFI - DFI Inc

WM130 Datasheet(HTML) 2 Page - DFI Inc

  WM130 Datasheet HTML 1Page - DFI Inc WM130 Datasheet HTML 2Page - DFI Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.dfi.com
DFI reserves the right to change the specifications at any time prior to the product's release. Changes thereafter will be based on the product's revision. Please contact your
sales representative for the exact revision offered in your area. All product names mentioned are trademarks of their respective companies. © December 14, 2024 DFI Inc.
SPECIFICATION
DRIVE BAY
External/Internal
1 x 2.5" SATA Drive Bay
EXPANSION
Interface
1 x Expansion Slot
RESERVED I/O HOLES (OPT.) Front
2 x 2 USB ports
3 x DB9 ports
1 x Terminal block(4 pins)
Rear
N/A
PANEL CONTROL / LED
Buttons
1 x Power Switch with LED
COOLING
Fan
1 x 80mm System Fan
POWER
Supply
DC Jack/Termainl Block
PHYSICAL
CHARACTERISTICS
Dimensions (W x H x D) 200 x 140.8 x 210.6mm
Weight
1.7 Kg(3.75 lb)
STANDARDS AND
CERTIFICATIONS
Shock
Operating: 3G
Vibration
Operating: 1G
DIMENSIONS



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com