Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM130 Datasheet(PDF) 1 Page - DFI Inc

Part # WM130
Description  Wall-Mount Chassis for Mini-ITX
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFI [DFI Inc]
Direct Link  https://www.dfi.com/
Logo DFI - DFI Inc

WM130 Datasheet(HTML) 1 Page - DFI Inc

  WM130 Datasheet HTML 1Page - DFI Inc WM130 Datasheet HTML 2Page - DFI Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Wall-Mount Chassis for Mini-ITX
WM130
KEY FEATURES
PANEL
Wall Mount Chassis
Wallmount Chassis for mini-ITX MB
Expansion Available
1x PCIe slot for single slot GPU/IO card
expansion
Diverse Storage Support
1x 2.5" SATA bay available
Compact System
Optimazed Chassis design for mini-ITX MB
Rich I/O Expansion
Optional reserved I/O opening for 4x USB and
3x DB9 ports
Side View
Front View
Expansion
Slots
3x DB9
2x USB
2x USB
1x 4pin
Terminal Block


Similar Part No. - WM130

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
WM1303 MOLEX1-WM1303 Datasheet
78Kb / 2P
2.36mm (.093") Diameter Standard .093 Pin and Socket Plug Housing, 1 Circuit,Friction Lock
WM1303-ND MOLEX1-WM1303-ND Datasheet
78Kb / 2P
2.36mm (.093") Diameter Standard .093 Pin and Socket Plug Housing, 1 Circuit,Friction Lock
WM1305 MOLEX1-WM1305 Datasheet
218Kb / 3P
2.36mm (.093") Diameter Standard .093" Pin and Socket Plug Housing, 2 Circuits, With Standard Mounting Ears
WM1305-ND MOLEX1-WM1305-ND Datasheet
218Kb / 3P
2.36mm (.093") Diameter Standard .093" Pin and Socket Plug Housing, 2 Circuits, With Standard Mounting Ears
WM1307 MOLEX1-WM1307 Datasheet
185Kb / 4P
2.36mm (.093") Diameter Standard .093 Pin and Socket Plug Housing, 3 Circuits, Single Row
More results

Similar Description - WM130

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
AIMB-C200 ADVANTECH-AIMB-C200 Datasheet
1Mb / 2P
Economical Embedded Chassis for Mini-ITX Motherboard
ARK-6610 ADVANTECH-ARK-6610_12 Datasheet
2Mb / 2P
Compact Embedded Chassis for Mini-ITX Motherboard
ARK-6620 ADVANTECH-ARK-6620 Datasheet
2Mb / 2P
Compact Embedded Chassis for Mini-ITX Motherboard
AIMB-C200 ADVANTECH-AIMB-C200_15 Datasheet
1,013Kb / 2P
Economical Embedded Chassis for Mini-ITX Motherboard
ARK-6610 ADVANTECH-ARK-6610_15 Datasheet
797Kb / 2P
Compact Chassis for Mini-ITX Motherboard
AIMB-B2275 ADVANTECH-AIMB-B2275 Datasheet
924Kb / 2P
Embedded Mini-ITX Chassis
AIMB-B2242 ADVANTECH-AIMB-B2242 Datasheet
923Kb / 2P
Embedded Mini-ITX Chassis
AIMB-B2203 ADVANTECH-AIMB-B2203 Datasheet
923Kb / 2P
Embedded Mini-ITX Chassis
logo
DFI Inc
DT122 DFI-DT122 Datasheet
2Mb / 4P
Desktop Chassis for Mini-ITX
logo
Advantech Co., Ltd.
ARK-6610 ADVANTECH-ARK-6610_V01 Datasheet
955Kb / 2P
Compact Chassis for Mini-ITX Motherboard
23-Mar-2018
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com