Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LED100PIRBP Datasheet(PDF) 3 Page - Timeguard

Part # LED100PIRBP
Description  8.5W LED Compact Floodlight Single Flood With PIR – Black
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TIMEGUARD [Timeguard]
Direct Link  https://www.timeguard.com/
Logo TIMEGUARD - Timeguard

LED100PIRBP Datasheet(HTML) 3 Page - Timeguard

  LED100PIRBP Datasheet HTML 1Page - Timeguard LED100PIRBP Datasheet HTML 2Page - Timeguard LED100PIRBP Datasheet HTML 3Page - Timeguard  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Depth (mm)
Body Construction
Product Colour
Accessories (Included)
EAN Number
Guarantee Period
Trade Tariff Commodity Code
50
Polycarbonate
Black
Fittings, Setting Knob
5012483015827
3 Years
9405114090
Line Diagrams
Data sheet
LED100PIRBP
Light / LED Lighting
Subject to technical changes and revisions
additional information at:
https://www.timeguard.com
This data was generated on
13/02/2025



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com