Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LED100PIRBP Datasheet(PDF) 1 Page - Timeguard

Part # LED100PIRBP
Description  8.5W LED Compact Floodlight Single Flood With PIR – Black
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TIMEGUARD [Timeguard]
Direct Link  https://www.timeguard.com/
Logo TIMEGUARD - Timeguard

LED100PIRBP Datasheet(HTML) 1 Page - Timeguard

  LED100PIRBP Datasheet HTML 1Page - Timeguard LED100PIRBP Datasheet HTML 2Page - Timeguard LED100PIRBP Datasheet HTML 3Page - Timeguard  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Operating Voltage
Frequency
Installation Type
Earth Class Rating
Operating Temperature
Ingress Protection Rating
Setting Type
Approved Mounting Height (m)
Presence Detection (m)
Motion Detection (m)
LED100PIRBP
8.5W LED Compact
Floodlight Single Flood With
PIR – Black
Features & Benefits
8.5W Powerful LED compact single floodight.
1000 lumen bright white light.
Pan and tilt light aiming adjustment.
Opal Diffuser for a even light distribution.
Rear & bottom cable entry.
Manual Override.
Full polycarbonate lightweight housing.
Back box or wall mountable.
New integrated Samsung SMD chipsets for added
reliability and efficient heat dissipation.
IP55 Weatherproof rating.
Technical Data
230V AC
50Hz
Surface Mount
Class II
-20°C to 50°C
IP55
Dial
2.5
5
10
Data sheet
LED100PIRBP
Light / LED Lighting
Subject to technical changes and revisions
additional information at:
https://www.timeguard.com
This data was generated on
13/02/2025


Similar Part No. - LED100PIRBP

ManufacturerPart #DatasheetDescription
logo
Timeguard
LED100PIRWHP TIMEGUARD-LED100PIRWHP Datasheet
349Kb / 3P
8.5W LED Compact Floodlight Single Flood With PIR – White
13/02/2025
More results

Similar Description - LED100PIRBP

ManufacturerPart #DatasheetDescription
logo
A-BRIGHT Inc
AB-FL56HC30-K A-BRIGHT-AB-FL56HC30-K Datasheet
222Kb / 4P
202.4x205.7mm LED Flood Light
AB-FL56HC60-K A-BRIGHT-AB-FL56HC60-K Datasheet
222Kb / 4P
202.4x205.7mm LED Flood Light
logo
Rohm
SML-M1 ROHM-SML-M1 Datasheet
1Mb / 4P
Compact LED with reflector
logo
Synaptics Incorporated.
CX93610 CONEXANT-CX93610 Datasheet
732Kb / 2P
PIR Sensor with Video
logo
A-BRIGHT Inc
AB-FL56HC30-K A-BRIGHT-AB-FL56HC30-K Datasheet
222Kb / 4P
202.4x205.7mm LED Flood Light
AB-FL56HC60-K A-BRIGHT-AB-FL56HC60-K Datasheet
222Kb / 4P
202.4x205.7mm LED Flood Light
AB-FL56HC30-K A-BRIGHT-AB-FL56HC30-K_15 Datasheet
222Kb / 4P
LED Flood Light
AB-FL56HC60-K A-BRIGHT-AB-FL56HC60-K_15 Datasheet
222Kb / 4P
LED Flood Light
logo
ELMOS Semiconductor AG
E931.06 ELMOS-E931.06 Datasheet
330Kb / 2P
SINGLE CHANNEL PIR SIGNAL PROCESSOR
logo
List of Unclassifed Man...
BD49 ETC-BD49 Datasheet
346Kb / 2P
Outdoor floodlight - Warm white LED - integrated dimmable DALI power supply - Flood optic
2023
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com