Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LED200WFB Datasheet(PDF) 2 Page - Timeguard

Part # LED200WFB
Description  2x 10W LED Wi-Fi PIR Twin Floodlight - Black
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TIMEGUARD [Timeguard]
Direct Link  https://www.timeguard.com/
Logo TIMEGUARD - Timeguard

LED200WFB Datasheet(HTML) 2 Page - Timeguard

  LED200WFB Datasheet HTML 1Page - Timeguard LED200WFB Datasheet HTML 2Page - Timeguard LED200WFB Datasheet HTML 3Page - Timeguard  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Motion Detection (m)
Detection Angle
PIR Sensitivity
VPN Support
Program Modes
Wattage
Beam Angle
Pan & Tilt Adjustment
Energy Efficiency
Energy Usage
Lumen Output (lm)
Luminaire Efficiency
Colour Temperature (K)
LED Type
Mounting Hole Centres (mm)
Standby Consumption
ON Time Adjustment
LUX Level
Detection Range (m)
Permanent ON Facility
Dusk Till Dawn
Multiple Unit Support
Cable Capacity (mm2)
Cable Entry(s)
10
140°
(Adjustable) App Based
No
24 Hour/7 Day, Manual Override, Hi-Lo Dimming
(2nd Stage Lighting), Lux & Time ON Adjustments,
Motion Detction Sensitivity, Colour Temperature
Adjustments.
20
120°
80° Tilt Downwards, 35° Pan Left/Right (From
Centre)
Class F
20KwH/1000H
2000
100 lm/W
3000 - 6500
SMD (Integrated)
84
<0.5W
5 Seconds - 60 Minutes
10 - 1000
10
Yes (App Enabled)
Yes (App Enabled)
Yes (Multiple Devices On App)
2.5mm2
Back Entry, Bottom Entry, Top Entry
Data sheet
LED200WFB
Wi-Fi / Wi-Fi Lighting
Subject to technical changes and revisions
additional information at:
https://www.timeguard.com
This data was generated on
13/02/2025



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com