Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LED200WFB Datasheet(PDF) 1 Page - Timeguard

Part # LED200WFB
Description  2x 10W LED Wi-Fi PIR Twin Floodlight - Black
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TIMEGUARD [Timeguard]
Direct Link  https://www.timeguard.com/
Logo TIMEGUARD - Timeguard

LED200WFB Datasheet(HTML) 1 Page - Timeguard

  LED200WFB Datasheet HTML 1Page - Timeguard LED200WFB Datasheet HTML 2Page - Timeguard LED200WFB Datasheet HTML 3Page - Timeguard  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Operating Voltage
Frequency
Installation Type
Earth Class Rating
Operating Temperature
Ingress Protection Rating
Setting Type
Approved Mounting Height (m)
LED200WFB
2x 10W LED Wi-Fi PIR Twin
Floodlight - Black
Features & Benefits
Hi-Lo dimming. Floodlight remains on at a
dimmed level and illuminates to full brightness
when PIR detects movement. Reverts back to
dimmed level when detected movement ends.
Permanent On & Off modes via app.
Remote adjustments for the lux, time delay, Hi-Lo
dimming, brightness, motion and colour
temperature settings direct from the Tuya Smart
App.
Indirect Load Activation: Other compatible Tuya
Smart devices can be triggered when the PIR
picks up someone in the detection area.
Simple, snap in wall plate with fast-fix pin terminal
block for quick and easy installation.
Independent Pan & Tilt light aiming adjustment
Sleek cooling fin design to prevent intense heat
build-up
Technical Data
230V AC
50Hz
Surface Mount
Class II
-20°C to 50°C
IP55
WIFI (App Based)
2.5
Data sheet
LED200WFB
Wi-Fi / Wi-Fi Lighting
Subject to technical changes and revisions
additional information at:
https://www.timeguard.com
This data was generated on
13/02/2025


Similar Part No. - LED200WFB

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LED2000 STMICROELECTRONICS-LED2000 Datasheet
2Mb / 40P
3 A monolithic step-down current source with synchronous rectification
18-Jun-2013
LED2000DR STMICROELECTRONICS-LED2000DR Datasheet
2Mb / 40P
3 A monolithic step-down current source with synchronous rectification
18-Jun-2013
LED2000PUR STMICROELECTRONICS-LED2000PUR Datasheet
2Mb / 40P
3 A monolithic step-down current source with synchronous rectification
18-Jun-2013
LED2001 STMICROELECTRONICS-LED2001 Datasheet
2Mb / 42P
4 A monolithic step-down current source with synchronous rectification
May 2013 Rev 1
LED2001PHR STMICROELECTRONICS-LED2001PHR Datasheet
2Mb / 42P
4 A monolithic step-down current source with synchronous rectification
May 2013 Rev 1
More results

Similar Description - LED200WFB

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
ISENSOR MICROCHIP-ISENSOR Datasheet
147Kb / 1P
Wi-Fi Temperature Sensor
pass
logo
List of Unclassifed Man...
WF121 ETC2-WF121 Datasheet
1Mb / 41P
Wi-Fi MODULE
WF121-E ETC2-WF121-E Datasheet
457Kb / 7P
Wi-Fi Module
logo
AVAGO TECHNOLOGIES LIMI...
ACPF-7324 AVAGO-ACPF-7324 Datasheet
120Kb / 2P
Wi-Fi Bandpass Filter
logo
World Produts Inc.
WPANT10032 WPI-WPANT10032 Datasheet
111Kb / 3P
Wi-Fi Embedded Antenna
WPANT10042 WPI-WPANT10042 Datasheet
93Kb / 2P
Wi-Fi Embedded Antenna
logo
Qorvo, Inc
QPA5219 QORVO-QPA5219 Datasheet
142Kb / 2P
Wi-Fi Power Amplifier
RFPA5562 QORVO-RFPA5562 Datasheet
695Kb / 7P
Wi-Fi Power Amplifer
RFPA5218 QORVO-RFPA5218 Datasheet
564Kb / 7P
Wi-Fi Power Amplifier
TQP5525 QORVO-TQP5525 Datasheet
606Kb / 11P
Wi-Fi Power Amplifer
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com