Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LED2001PHR Datasheet (PDF) - STMicroelectronics

LED2001PHR Datasheet PDF - STMicroelectronics
Part # LED2001PHR
Download  LED2001PHR Download
File Size   2433.08 Kbytes
Page   42 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 4 A monolithic step-down current source with synchronous rectification

LED2001PHR Datasheet (PDF)

Go To PDF Page Download Datasheet
LED2001PHR Datasheet PDF - STMicroelectronics

Part # LED2001PHR
Download  LED2001PHR Click to download

File Size   2433.08 Kbytes
Page   42 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 4 A monolithic step-down current source with synchronous rectification

LED2001PHR Datasheet (HTML) - STMicroelectronics


LED2001PHR Product details

Description
The LED2001 is an 850 kHz fixed switching frequency monolithic step-down DC-DC converter designed to operate as precise constant current source with an adjustable current capability up to 4 A DC. The embedded PWM dimming circuitry features LED brightness control. The regulated output current is set connecting a sensing resistor to the feedback pin. The embedded synchronous rectification and the 100 mV typical RSENSE voltage drop enhance the efficiency performance. The size of the overall application is minimized thanks to the high switching frequency and ceramic output capacitor compatibility. The device is fully protected against thermal overheating, overcurrent and output short-circuit. The LED2001 is available in VFQFPN 4 mm x 4 mm 8-lead package, and HSOP8.

Features
■ 3.0 V to 18 V operating input voltage range
■ 850 kHz fixed switching frequency
■ 100 mV typ. current sense voltage drop
■ PWM dimming
■ ± 7% output current accuracy
■ Synchronous rectification
■ 95 mΩ HS / 69 mΩ LS typical RDS(on)
■ Peak current mode architecture
■ Embedded compensation network
■ Internal current limiting
■ Ceramic output capacitor compliant

Applications
■ High brightness LED driving
■ Halogen bulb replacement
■ General lighting
■ Signage




Similar Part No. - LED2001PHR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LED2000 STMICROELECTRONICS-LED2000 Datasheet
2Mb / 40P
3 A monolithic step-down current source with synchronous rectification
18-Jun-2013
LED2000DR STMICROELECTRONICS-LED2000DR Datasheet
2Mb / 40P
3 A monolithic step-down current source with synchronous rectification
18-Jun-2013
LED2000PUR STMICROELECTRONICS-LED2000PUR Datasheet
2Mb / 40P
3 A monolithic step-down current source with synchronous rectification
18-Jun-2013
logo
Timeguard
LED200FLBP TIMEGUARD-LED200FLBP Datasheet
349Kb / 3P
17W LED Compact Floodlight Twin Flood – Black
13/02/2025
LED200FLWHP TIMEGUARD-LED200FLWHP Datasheet
347Kb / 3P
17W LED Compact Floodlight Twin Flood – White
13/02/2025
More results


Similar Description - LED2001PHR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6910 STMICROELECTRONICS-L6910 Datasheet
453Kb / 21P
ADJUSTABLE STEP DOWN CONTROLLER WITH SYNCHRONOUS RECTIFICATION
Jul-2003
L6730C STMICROELECTRONICS-L6730C Datasheet
1Mb / 50P
Adjustable step-down controller with synchronous rectification
07-Jun-2006
L6730 STMICROELECTRONICS-L6730 Datasheet
1Mb / 52P
Adjustable step-down controller with synchronous rectification
29-May-2006
L6732_0906 STMICROELECTRONICS-L6732_0906 Datasheet
823Kb / 36P
Adjustable step-down controller with synchronous rectification
25-Sep-2006
L6910G STMICROELECTRONICS-L6910G Datasheet
1Mb / 26P
ADJUSTABLE STEP DOWN CONTROLLER WITH SYNCHRONOUS RECTIFICATION
May-2005
L6732 STMICROELECTRONICS-L6732_08 Datasheet
900Kb / 37P
Adjustable step-down controller with synchronous rectification
04-Jun-2008
L6910 STMICROELECTRONICS-L6910_05 Datasheet
682Kb / 29P
ADJUSTABLE STEP DOWN CONTROLLER WITH SYNCHRONOUS RECTIFICATION
May-2005
LED5000 STMICROELECTRONICS-LED5000 Datasheet
1Mb / 52P
3 A monolithic step-down current source with dimming capability
31-Jan-2013
ST1CC40 STMICROELECTRONICS-ST1CC40 Datasheet
1Mb / 37P
3 A monolithic step-down current source with synchronous rectification
18-Jun-2013
LED2000 STMICROELECTRONICS-LED2000 Datasheet
2Mb / 40P
3 A monolithic step-down current source with synchronous rectification
18-Jun-2013
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com