Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LED2001PHR Datasheet(PDF) 1 Page - STMicroelectronics

Part # LED2001PHR
Description  4 A monolithic step-down current source with synchronous rectification
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LED2001PHR Datasheet(HTML) 1 Page - STMicroelectronics

  LED2001PHR Datasheet HTML 1Page - STMicroelectronics LED2001PHR Datasheet HTML 2Page - STMicroelectronics LED2001PHR Datasheet HTML 3Page - STMicroelectronics LED2001PHR Datasheet HTML 4Page - STMicroelectronics LED2001PHR Datasheet HTML 5Page - STMicroelectronics LED2001PHR Datasheet HTML 6Page - STMicroelectronics LED2001PHR Datasheet HTML 7Page - STMicroelectronics LED2001PHR Datasheet HTML 8Page - STMicroelectronics LED2001PHR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 42 page
background image
This is information on a product in full production.
May 2013
DocID024346 Rev 1
1/42
42
LED2001
4 A monolithic step-down current source with synchronous
rectification
Datasheet
- production data
Features
• 3.0 V to 18 V operating input voltage range
• 850 kHz fixed switching frequency
• 100 mV typ. current sense voltage drop
• PWM dimming
• ± 7% output current accuracy
• Synchronous rectification
• 95 mΩ HS / 69 mΩ LS typical RDS(on)
• Peak current mode architecture
• Embedded compensation network
• Internal current limiting
• Ceramic output capacitor compliant
• Thermal shutdown
Applications
• High brightness LED driving
• Halogen bulb replacement
• General lighting
• Signage
Description
The LED2001 is an 850 kHz fixed switching
frequency monolithic step-down DC-DC converter
designed to operate as precise constant current
source with an adjustable current capability up to
4 A DC. The embedded PWM dimming circuitry
features LED brightness control. The regulated
output current is set connecting a sensing resistor
to the feedback pin. The embedded synchronous
rectification and the 100 mV typical RSENSE
voltage drop enhance the efficiency performance.
The size of the overall application is minimized
thanks to the high switching frequency and
ceramic output capacitor compatibility. The device
is fully protected against thermal overheating,
overcurrent and output short-circuit. The
LED2001 is available in VFQFPN 4 mm x 4 mm
8-lead package, and HSOP8.
Figure 1. Typical application circuit
VFQFPN8 4x4
HSOP8
www.st.com


Similar Part No. - LED2001PHR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LED2000 STMICROELECTRONICS-LED2000 Datasheet
2Mb / 40P
3 A monolithic step-down current source with synchronous rectification
18-Jun-2013
LED2000DR STMICROELECTRONICS-LED2000DR Datasheet
2Mb / 40P
3 A monolithic step-down current source with synchronous rectification
18-Jun-2013
LED2000PUR STMICROELECTRONICS-LED2000PUR Datasheet
2Mb / 40P
3 A monolithic step-down current source with synchronous rectification
18-Jun-2013
logo
Timeguard
LED200FLBP TIMEGUARD-LED200FLBP Datasheet
349Kb / 3P
17W LED Compact Floodlight Twin Flood – Black
13/02/2025
LED200FLWHP TIMEGUARD-LED200FLWHP Datasheet
347Kb / 3P
17W LED Compact Floodlight Twin Flood – White
13/02/2025
More results

Similar Description - LED2001PHR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6910 STMICROELECTRONICS-L6910 Datasheet
453Kb / 21P
ADJUSTABLE STEP DOWN CONTROLLER WITH SYNCHRONOUS RECTIFICATION
Jul-2003
L6730C STMICROELECTRONICS-L6730C Datasheet
1Mb / 50P
Adjustable step-down controller with synchronous rectification
07-Jun-2006
L6730 STMICROELECTRONICS-L6730 Datasheet
1Mb / 52P
Adjustable step-down controller with synchronous rectification
29-May-2006
L6732_0906 STMICROELECTRONICS-L6732_0906 Datasheet
823Kb / 36P
Adjustable step-down controller with synchronous rectification
25-Sep-2006
L6910G STMICROELECTRONICS-L6910G Datasheet
1Mb / 26P
ADJUSTABLE STEP DOWN CONTROLLER WITH SYNCHRONOUS RECTIFICATION
May-2005
L6732 STMICROELECTRONICS-L6732_08 Datasheet
900Kb / 37P
Adjustable step-down controller with synchronous rectification
04-Jun-2008
L6910 STMICROELECTRONICS-L6910_05 Datasheet
682Kb / 29P
ADJUSTABLE STEP DOWN CONTROLLER WITH SYNCHRONOUS RECTIFICATION
May-2005
LED5000 STMICROELECTRONICS-LED5000 Datasheet
1Mb / 52P
3 A monolithic step-down current source with dimming capability
31-Jan-2013
ST1CC40 STMICROELECTRONICS-ST1CC40 Datasheet
1Mb / 37P
3 A monolithic step-down current source with synchronous rectification
18-Jun-2013
LED2000 STMICROELECTRONICS-LED2000 Datasheet
2Mb / 40P
3 A monolithic step-down current source with synchronous rectification
18-Jun-2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com