Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LED2001PHR Datasheet(PDF) 20 Page - STMicroelectronics

Part # LED2001PHR
Description  4 A monolithic step-down current source with synchronous rectification
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LED2001PHR Datasheet(HTML) 20 Page - STMicroelectronics

Back Button LED2001PHR Datasheet HTML 16Page - STMicroelectronics LED2001PHR Datasheet HTML 17Page - STMicroelectronics LED2001PHR Datasheet HTML 18Page - STMicroelectronics LED2001PHR Datasheet HTML 19Page - STMicroelectronics LED2001PHR Datasheet HTML 20Page - STMicroelectronics LED2001PHR Datasheet HTML 21Page - STMicroelectronics LED2001PHR Datasheet HTML 22Page - STMicroelectronics LED2001PHR Datasheet HTML 23Page - STMicroelectronics LED2001PHR Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 42 page
background image
Application notes
LED2001
20/42
DocID024346 Rev 1
Figure 12. LED current falling edge operation
6.6.1
Dimming frequency vs. dimming depth
As seen in Section 6.6, the LEDs current rising and falling edge time mainly depends on the
system bandwidth (TRISE) and the selected output capacitor value (TRISE and TFALL).
The dimming performance depends on the minimum current pulse shape specification of
the final application. The ideal minimum current pulse has rectangular shape, however, it
degenerates into a trapezoid or, at worst, into a triangle, depending on the ratio (TRISE +
TFALL)/ TDIM.
Equation 19
The small signal response in Figure 11 and Figure 12 is considered as an example.
Equation 20
Assuming the minimum current pulse shape specification as:
Equation 21:
it is possible to calculate the maximum dimming depth given the dimming frequency or vice
versa.
AM12903v1
rec
gle
tan
T
RISE
T
FALL
+
T
DIM
---------------------------------------------
1
«
→
trapezoid
T
RISE
T
FALL
+
T
DIM
---------------------------------------------
1
<
→
triangle
T
RISE
T
FALL
+
T
DIM
---------------------------------------------
1
=
T
RISE
20
μs
≅
T
FALL
5
μs
≅
T
RISE
T
FALL
+
0.5 T
MIN_PULSE
⋅
0.5 D
MIN
T
DIMMING
⋅⋅
==



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com