Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LED2001PHR Datasheet(PDF) 25 Page - STMicroelectronics

Part # LED2001PHR
Description  4 A monolithic step-down current source with synchronous rectification
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LED2001PHR Datasheet(HTML) 25 Page - STMicroelectronics

Back Button LED2001PHR Datasheet HTML 21Page - STMicroelectronics LED2001PHR Datasheet HTML 22Page - STMicroelectronics LED2001PHR Datasheet HTML 23Page - STMicroelectronics LED2001PHR Datasheet HTML 24Page - STMicroelectronics LED2001PHR Datasheet HTML 25Page - STMicroelectronics LED2001PHR Datasheet HTML 26Page - STMicroelectronics LED2001PHR Datasheet HTML 27Page - STMicroelectronics LED2001PHR Datasheet HTML 28Page - STMicroelectronics LED2001PHR Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 42 page
background image
DocID024346 Rev 1
25/42
LED2001
Application information
equivalent RMS current is equal to IO divided by 2. The maximum and minimum duty cycles
are:
Equation 30
and
Equation 31
where VF is the free-wheeling diode forward voltage and VSW the voltage drop across the
internal PDMOS. Considering the range DMIN to DMAX, it is possible to determine the max.
IRMS going through the input capacitor. Capacitors that can be considered are:
–
Electrolytic capacitors:
these are widely used due to their low price and their availability in a wide range of
RMS current ratings.
The only drawback is that, considering ripple current rating requirements, they are
physically larger than other capacitors.
–
Ceramic capacitors:
if available for the required value and voltage rating, these capacitors usually have a
higher RMS current rating for a given physical dimension (due to very low ESR).
The drawback is the considerably high cost.
–
Tantalum capacitors:
small tantalum capacitors with very low ESR are becoming more widely available.
However, they can occasionally burn if subjected to very high current during charge.
Therefore, it is suggested to avoid this type of capacitor for the input filter of the device
as they may be stressed by a high surge current when connected to the power supply.
If the selected capacitor is ceramic (so neglecting the ESR contribution), the input voltage
ripple can be calculated as:
Equation 32
Table 7. List of ceramic capacitors for the LED2001
Manufacturer
Series
Capacitor value (µC)
Rated voltage (V)
Taiyo yuden
UMK325BJ106MM-T
10
50
Murata
GRM42-2 X7R 475K 50
4.7
50
D
MAX
V
OUT
V
F
+
V
INMIN
V
SW
–
-------------------------------------
=
D
MIN
V
OUT
V
F
+
V
INMAX
V
SW
–
--------------------------------------
=
V
IN PP
I
O
C
IN
f
SW
⋅
-----------------------
1
D
η
----
–


D
⋅
D
η
----
1D
–
()
⋅
+
⋅
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com